Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP509CF Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP509CF
Description  Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP509CF Datasheet(HTML) 2 Page - Sipex Corporation

  SP509CF Datasheet HTML 1Page - Sipex Corporation SP509CF Datasheet HTML 2Page - Sipex Corporation SP509CF Datasheet HTML 3Page - Sipex Corporation SP509CF Datasheet HTML 4Page - Sipex Corporation SP509CF Datasheet HTML 5Page - Sipex Corporation SP509CF Datasheet HTML 6Page - Sipex Corporation SP509CF Datasheet HTML 7Page - Sipex Corporation SP509CF Datasheet HTML 8Page - Sipex Corporation SP509CF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
Date: 1/19/05
SP509 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2005 Sipex Corporation
T
A = +25°C and VCC = +4.75V to +5.25V unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
LOGIC INPUTS
V
IL
0.8
Volts
V
IH
2.0
Volts
LOGIC OUTPUTS
V
OL
0.4
Volts
I
OUT= –3.2mA
V
OH
2.4
Volts
I
OUT= 1.0mA
V.28 DRIVER
DC Parameters
Outputs
Open Circuit Voltage
±15
Volts
per
Figure 1
Loaded Voltage
±5.0
±15
Volts
per
Figure 2
Short-Circuit Current
±100
mA
per
Figure 4, V
OUT=0V
Power-Off Impedance
300
Ω
per
Figure 5
AC Parameters
V
CC = +5V for AC parameters
Outputs
Transition Time
1.5
µs
per
Figure 6; +3V to -3V
Instantaneous Slew Rate
30
V/µs
per
Figure 3
Propagation Delay
t
PHL
0.5
1
5
µs
t
PLH
0.5
1
5
µs
Max.Transmission Rate
120
230
kbps
V.28 RECEIVER
DC Parameters
Inputs
Input Impedance
3
7
kΩ
per
Figure 7
Open-Circuit Bias
+2.0
Volts
per
Figure 8
HIGH Threshold
1.7
3.0
Volts
LOW Threshold
0.8
1.2
Volts
AC Parameters
V
CC = +5V for AC parameters
Propagation Delay
t
PHL
50
100
500
ns
t
PLH
50
100
500
ns
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the
device at these ratings or any other above those indicated in the
operation sections of the specifications below is not implied.
Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
V
CC ................................................................................................ +7V
Input Voltages:
Logic ................................................ -0.3V to (V
CC+0.5V)
Drivers ............................................. -0.3V to (V
CC+0.5V)
Receivers ........................................................... ±15.5V
Output Voltages:
Logic ................................................ -0.3V to (V
CC+0.5V)
Drivers ................................................................... ±12V
Receivers ........................................ -0.3V to (V
CC+0.5V)
Storage Temperature ................................................ -65
°C to +150°C
Power Dissipation ................................................................. 1520mW
(derate 19.0mW/
°C above +70°C)
Package Derating:
ø
JA
.................................................................................................................
52.7 °C/W
ø
JC
....................................................................................................................
6.5 °C/W
STORAGE CONSIDERATIONS
Due to the relatively large package size of the 100-pin quad flat-
pack, storage in a low humidity environment is preferred. Large
high density plastic packages are moisture sensitive and should
be stored in Dry Vapor Barrier Bags. Prior to usage, the parts
should remain bagged and stored below 40°C and 60%RH. If
the parts are removed from the bag, they should be used within
48 hours or stored in an environment at or below 20%RH. If the
above conditions cannot be followed, the parts should be
baked for four hours at 125°C in order to remove moisture prior
to soldering. Sipex ships the 100-pin LQFP in Dry Vapor
Barrier Bags with a humidity indicator card and desiccant pack.
The humidity indicator should be below 30%RH.
ELECTRICAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com