Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP526CF Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP526CF
Description  WAN Multi-Mode Serial Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP526CF Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP526CF Datasheet HTML 3Page - Sipex Corporation SP526CF Datasheet HTML 4Page - Sipex Corporation SP526CF Datasheet HTML 5Page - Sipex Corporation SP526CF Datasheet HTML 6Page - Sipex Corporation SP526CF Datasheet HTML 7Page - Sipex Corporation SP526CF Datasheet HTML 8Page - Sipex Corporation SP526CF Datasheet HTML 9Page - Sipex Corporation SP526CF Datasheet HTML 10Page - Sipex Corporation SP526CF Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
Rev: C Date:2/1/06
SP526 Multi–Mode Serial Transceiver
© Copyright 2006 Sipex Corporation
Pins 14 — D0 — Transmitter and receiver
decode register; configures transmitter and re-
ceiver modes; TTL inputs.
Pin 15 — V
SS — –10V Charge Pump Capacitor
— Connects from ground to V
SS.
Suggested
capacitor size is 1.0
µF, 16V.
Pin 16 — C
2
— Charge Pump Capacitor —
Connects from C
2
+ to C
2
. Suggested capacitor
size is 1.0
µF, 16V.
Pin 17 — C
1
— Charge Pump Capacitor —
Connects from C
1
+ to C
1
. Suggested capacitor
size is 1.0
µF, 16V.
Pin 18 — GND — Ground.
Pin 19 — C
2
+ — Charge Pump Capacitor —
Connects from C
2
+ to C
2
. Suggested capacitor
size is 1.0
µF, 16V.
Pin 20 — V
DD — +10V Charge Pump Capacitor
— Connects from V
DD to VCC.
Suggested
capacitor size is 1.0
µF, 16V.
Pin 21 — C
1
+ — Charge Pump Capacitor —
Connects from C
1
+ to C
1
. Suggested capacitor
size is 1.0
µF, 16V.
Pin 22 — V
CC — +5V input.
Pin 23 — GND — Ground.
Pin 24 — T1OUTB — Analog Out — Send
data, non-inverted; sourced from TIN1.
Pin 25 — T1OUTA — Analog Out — Send
data, inverted; sourced from TIN1.
Pin 26 — T2OUTB — Analog Out — Send
data, non-inverted; sourced from TIN2.
Pin 27 — T2OUTA — Analog Out — Send
data, inverted; sourced from TIN2.
Pin 28 — T3OUTB — Analog Out — Send
data, non-inverted; sourced from TIN3.
Pin 29 — T3OUTA — Analog Out — Send
data, inverted; sourced from TIN3.
Pin 30 — T4OUT — Analog Out — Send data,
inverted; sourced from TIN4.
Pin 31 — V
CC — +5V input.
Pin 32 — R4OUT — TTL output; sourced from
RINA4 and RINB4 inputs.
Pin 33 — R3OUT — TTL output; sourced from
RINA3 and RINB3 inputs.
Pin 34 — R2OUT — TTL output; sourced from
RINA2 and RINB2 inputs.
Pin 35 — R1OUT — TTL output; sourced from
RINA1 and RINB1 inputs.
Pin 36 — R4INB — Non-inverted analog input
to receiver 4.
Pin 37 — R4INA — Inverted analog input to
receiver 4.
Pin 38 — R3INB — Non-inverted analog input
to receiver 3.
Pin 39— R3INA — Inverted analog input to
receiver 3.
Pin 40 — R2INB — Non-inverted analog input
to receiver 2.
Pin 41 — R2INA — Inverted analog input to
receiver 2.
Pin 42 — R1INB — Non-inverted analog input
to receiver 1.
Pin 43 — R1INA — Inverted analog input to
receiver 1.
Pin 44 — GND — Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com