Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP526CF Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP526CF
Description  WAN Multi-Mode Serial Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP526CF Datasheet(HTML) 5 Page - Sipex Corporation

  SP526CF Datasheet HTML 1Page - Sipex Corporation SP526CF Datasheet HTML 2Page - Sipex Corporation SP526CF Datasheet HTML 3Page - Sipex Corporation SP526CF Datasheet HTML 4Page - Sipex Corporation SP526CF Datasheet HTML 5Page - Sipex Corporation SP526CF Datasheet HTML 6Page - Sipex Corporation SP526CF Datasheet HTML 7Page - Sipex Corporation SP526CF Datasheet HTML 8Page - Sipex Corporation SP526CF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Rev: C Date:2/1/06
SP526 Multi–Mode Serial Transceiver
© Copyright 2006 Sipex Corporation
T
A = +25°C and VCC = +5.0V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DRIVER DELAY TIME BETWEEN ACTIVE MODE AND TRI-STATE MODE
RS-232/V.28 DRIVERS
t
PZL; Tri-state to Output LOW
0.70
5.0
µsCL = 100pF, Fig. 22 & 28 ; S1 closed
t
PZH; Tri-state to Output HIGH
0.40
2.0
µsCL = 100pF, Fig. 22 & 28 ; S2 closed
t
PLZ; Output LOW to Tri-state
0.20
2.0
µsCL = 100pF, Fig. 22 & 28 ; S1 closed
t
PHZ; Output HIGH to Tri-state
0.40
2.0
µsCL = 100pF, Fig. 22 & 28 ; S2 closed
RS-423/V.10 DRIVERS
t
PZL; Tri-state to Output LOW
0.15
2.0
µsCL = 100pF, Fig. 22 & 28 ; S1 closed
t
PZH; Tri-state to Output HIGH
0.20
2.0
µsCL = 100pF, Fig. 22 & 28 ; S2 closed
t
PLZ; Output LOW to Tri-state
0.20
2.0
µsCL = 100pF, Fig. 22 & 28 ; S1 closed
t
PHZ; Output HIGH to Tri-state
0.15
2.0
µsCL = 100pF, Fig. 22 & 28 ; S2 closed
RS-422,/V.11 DRIVERS
t
PZL; Tri-state to Output LOW
2.80
10.0
µsCL = 100pF, Fig. 22 & 25; S1 closed
t
PZH; Tri-state to Output HIGH
0.10
2.0
µsCL = 100pF, Fig. 22 & 25; S2 closed
t
PLZ; Output LOW to Tri-state
0.10
2.0
µsCL = 15pF, Fig. 22 & 25; S1 closed
t
PHZ; Output HIGH to Tri-state
0.10
2.0
µsCL = 15pF, Fig. 22 & 25; S2 closed
RECEIVER DELAY TIME BETWEEN ACTIVE MODE AND TRI-STATE MODE
RS-232/V.28 RECEIVERS
t
PZL; Tri-state to Output LOW
0.12
2.0
µsCL = 100pF, Fig. 23 & 27 ; S1 closed
t
PZH; Tri-state to Output HIGH
0.10
2.0
µsCL = 100pF, Fig. 23 & 27 ; S2 closed
t
PLZ; Output LOW to Tri-state
0.10
2.0
µsCL = 100pF, Fig. 23 & 27 ; S1 closed
t
PHZ; Output HIGH to Tri-state
0.10
2.0
µsCL = 100pF, Fig. 23 & 27 ; S2 closed
RS-422/V.11RECEIVERS
t
PZL; Tri-state to Output LOW
0.10
2.0
µsCL = 100pF, Fig. 23 & 27; S1 closed
t
PZH; Tri-state to Output HIGH
0.10
2.0
µsCL = 100pF, Fig. 23 & 27; S2 closed
t
PLZ; Output LOW to Tri-state
0.10
2.0
µsCL = 15pF, Fig. 23 & 27; S1 closed
t
PHZ; Output HIGH to Tri-state
0.10
2.0
µsCL = 15pF, Fig. 23 & 27; S2 closed
OTHER AC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com