Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP526CF Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP526CF
Description  WAN Multi-Mode Serial Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP526CF Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP526CF Datasheet HTML 9Page - Sipex Corporation SP526CF Datasheet HTML 10Page - Sipex Corporation SP526CF Datasheet HTML 11Page - Sipex Corporation SP526CF Datasheet HTML 12Page - Sipex Corporation SP526CF Datasheet HTML 13Page - Sipex Corporation SP526CF Datasheet HTML 14Page - Sipex Corporation SP526CF Datasheet HTML 15Page - Sipex Corporation SP526CF Datasheet HTML 16Page - Sipex Corporation SP526CF Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
Rev: C Date:2/1/06
SP526 Multi–Mode Serial Transceiver
© Copyright 2006 Sipex Corporation
Figure 27. Receiver Enable and Disable Times
+3V
0V
DECX
5V
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR ≤ 10ns; tF ≤ 10ns
RECEIVER OUT
50%
50%
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
VIL
VIH
RECEIVER OUT
D0 or D1
Figure 26. Receiver Propagation Delays
VOH
VOL
RECEIVER OUT
50%
tPLH
f = 1MHz; tR ≤ 10ns; tF ≤ 10ns
OUTPUT
VOD2+
VOD2–
A – B
0V
0V
tPHL
INPUT
50%
tSKEW = |tPHL - tPLH|
Figure 28. V.28 (RS-232) and V.10 Driver Enable and Disable Times
+3V
0V
DX or ENTX
1.5V
1.5V
tZL
f = 60kHz; tR < 10ns; tF < 10ns
TOUT
tLZ
Output LOW
0V
+3V
0V
VOH(MIN)
1.5V
1.5V
tZH
f = 60kHz; tR < 10ns; tF < 10ns
TOUT
tHZ
Output HIGH
0V
VOL(MIN)
DX or ENTX
0.5V
0.5V
0.5V
0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com