Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP526CF Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP526CF
Description  WAN Multi-Mode Serial Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP526CF Datasheet(HTML) 1 Page - Sipex Corporation

  SP526CF Datasheet HTML 1Page - Sipex Corporation SP526CF Datasheet HTML 2Page - Sipex Corporation SP526CF Datasheet HTML 3Page - Sipex Corporation SP526CF Datasheet HTML 4Page - Sipex Corporation SP526CF Datasheet HTML 5Page - Sipex Corporation SP526CF Datasheet HTML 6Page - Sipex Corporation SP526CF Datasheet HTML 7Page - Sipex Corporation SP526CF Datasheet HTML 8Page - Sipex Corporation SP526CF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Rev: C Date:2/1/06
SP526 Multi–Mode Serial Transceiver
© Copyright 2006 Sipex Corporation
SP526
WAN Multi-Mode Serial Transceiver
DESCRIPTION
The SP526 is a monolithic device that sup-
ports three (3) physical layer serial interface
standards. The SP526 is fabricated using a
low power BiCMOS process technology, and
incorporates four (4) drivers and four (4)
receivers can be configured via software for
the selected interface modes at any time.
The SP526 includes tri-state ability for the
driver and receiver outputs through separate
enable lines. A shutdown mode is also
included through the mode select pins for
power savings. When mated with the SP322
V.11/V.35 Programmable Transceiver, the
SP526
provides the four (4) channels needed
for handshaking/control lines such as CTS,
RTS, etc. The two transceiver ICs are an
ideal solution for WAN serial ports in
networking equipment such as routers,
DSU/CSU's, and other access devices.
Low-Cost Programmable Serial Transceiver
Four (4) Drivers and Four (4)) Receivers
Driver and Receiver Tri-state Control
Software Selectable Protocol Selection
Interface Modes:
RS-232 (V.28)
RS-422 (V.11, X.21)
EIA-530 or RS-449 (V.10, V.11)
Designed to Meet All NET1/2 Compliancy
Requirements
High ESD Tolerance
✓ ±15kV per Human Body Model
✓ ±15kV per IEC1000-4-2 Air Discharge
✓ ±8kV per IEC1000-4-2 Contact Discharge
T1
T2
T3
R1
R2
R3
T4
R4
SP526
1.0µF
1.0µF
1.0µF
1.0µF
C2–
1.0µF
C1+
C1–
C2+
T1IN
8
ENT1
12
T1OUTA
T1OUTB
T2OUTA
T2OUTB
T2IN
ENT2
ENT3
ENT4
T3IN
T3OUTB
T3OUTA
T4OUT
R1OUT
R2OUT
R3OUT
R4OUT
ENR4
ENR3
ENR1
ENR2
R1INA
R2INA
R3INA
R4INA
R3INB
R4INB
R2INB
R1INB
D0
D1
21
17
19
16
7
11
6
10
5
9
35
4
34
3
33
2
32
1
18
14
13
20
15
22
25
24
27
26
29
28
30
43
42
41
40
39
38
37
36
23
44
31
VDD
VCC
VCC
+5V
VSS
GND
GND
GND
T4IN
®
SP526
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
ENR4
ENR3
ENR2
ENR1
T4IN
T3IN
T2IN
T1IN
ENT4
ENT3
ENT2
R3OUT
R4OUT
VCC
T4OUT
T3OUTA
T3OUTB
T2OUTA
T2OUTB
T1OUTA
T1OUTB
GND
Now Available in Lead Free Packaging


Similar Part No. - SP526CF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP526CF SIPEX-SP526CF Datasheet
208Kb / 23P
WAN Multi-Mode Serial Transceiver
SP526CF SIPEX-SP526CF Datasheet
141Kb / 23P
WAN Multi-Mode Serial Transceiver
More results

Similar Description - SP526CF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP504 SIPEX-SP504 Datasheet
399Kb / 31P
WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
673Kb / 35P
WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
505Kb / 20P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
208Kb / 23P
WAN Multi-Mode Serial Transceiver
SP504 SIPEX-SP504 Datasheet
257Kb / 31P
WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
495Kb / 35P
WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
371Kb / 20P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
141Kb / 23P
WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP504 EXAR-SP504 Datasheet
1Mb / 32P
WAN Multi-Mode Serial Transceiver
SP505 EXAR-SP505 Datasheet
1Mb / 35P
WAN Multi-Mode Serial Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com