Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6138 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6138
Description  Synchronous Buck Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6138 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6138 Datasheet HTML 9Page - Sipex Corporation SP6138 Datasheet HTML 10Page - Sipex Corporation SP6138 Datasheet HTML 11Page - Sipex Corporation SP6138 Datasheet HTML 12Page - Sipex Corporation SP6138 Datasheet HTML 13Page - Sipex Corporation SP6138 Datasheet HTML 14Page - Sipex Corporation SP6138 Datasheet HTML 15Page - Sipex Corporation SP6138 Datasheet HTML 16Page - Sipex Corporation SP6138 Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
3
Oct 24-06 Rev J
SP638 Synchronous Buck Controller
© 2006 Sipex Corporation
low forward voltage. The reverse voltage
across the diode is equal to input voltage,
and the diode must be able to handle the
peak current equal to the maximum load
current.
The power dissipation of the Schottky diode
is determined by:
PDIODE = 2 • VF • Iout • TNOL • FS
where:
TNOL = non-overlap time between GH and GL.
VF = forward voltage of the Schottky diode.
Loop Compensation Design
The open loop gain of the whole system can
be divided into the gain of the error ampli-
fier, PWM modulator, buck converter output
stage, and feedback resistor divider. In or-
der to cross over at the selected frequency
FCO, the gain of the error amplifier must
compensate for the attenuation caused by
the rest of the loop at this frequency. The
goal of loop compensation is to manipulate
loop frequency response such that its gain
crosses over 0db at a slope of -20db/dec.
The first step of compensation design is
to pick the loop crossover frequency. High
crossover frequency is desirable for fast
transient response, but often jeopardizes
the system stability. Crossover frequency
should be higher than the ESR zero but
less than 1/5 of the switching frequency.
The ESR zero is contributed by the ESR
associated with the output capacitors and
can be determined by:
ƒz(Esr) =

2π • Cout • REsr
The next step is to calculate the complex
conjugate poles contributed by the LC out-
put filter,

ƒp(Lc) =
.
.
2π •
√L • COUT
When the output capacitors are of a Ceramic
Type,theSP6138EvaluationBoardrequires
aTypeIIIcompensationcircuittogiveaphase
boostof180°inordertocounteracttheeffects
of an under damped resonance of the output
filter at the double pole frequency.
APPLICATION INFORMATION
(SRz2Cz2+1)(SR1Cz3+1)
(SRESRCOUT+ 1)
[S^2LC
OUT+S(RESR+RDC) COUT+1]
VIN
SR1Cz2(SRz3Cz3+1)(SRz2Cp1+1)
VRAMP_PP
VOUT
(Volts)
+
_
VREF
(Volts)
Notes: R
ESR = Output Capacitor Equivalent Series Resistance.
R
DC = Output Inductor DC Resistance.
V
RAMP_PP = SP6132 Internal RAMP Amplitude Peak to Peak Voltage.
Condition: Cz2 >> Cp1 & R1 >> Rz3
Output Load Resistance >> R
ESR & RDC
R2
VREF
(R1 + R2)
or
VOUT
VFBK
(Volts)
Type III Voltage Loop
Compensation
G
AMP (s) Gain Block
PWM Stage
G
PWM Gain
Block
Output Stage
G
OUT (s) Gain
Block
Voltage Feedback
G
FBK Gain Block
Figure 5: SP6138 Voltage Mode Control Loop with Loop Dynamic
Definitions:
REsr = Output Capacitor Equivalent Series Resistance
Rdc = Output Inductor DC Resistance
Vramp _ pp = SP638 internal RAMP Amplitude Peak to Peak Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com