Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6138 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6138
Description  Synchronous Buck Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6138 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6138 Datasheet HTML 1Page - Sipex Corporation SP6138 Datasheet HTML 2Page - Sipex Corporation SP6138 Datasheet HTML 3Page - Sipex Corporation SP6138 Datasheet HTML 4Page - Sipex Corporation SP6138 Datasheet HTML 5Page - Sipex Corporation SP6138 Datasheet HTML 6Page - Sipex Corporation SP6138 Datasheet HTML 7Page - Sipex Corporation SP6138 Datasheet HTML 8Page - Sipex Corporation SP6138 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Oct 24-06 Rev J
SP638 Synchronous Buck Controller
© 2006 Sipex Corporation
ELECTRICAL SPECIFICATIONS
Unless otherwise specified: -40°C < TAMB < +85°C, 4.5V < VCC < 5.5V, BST=VCC,SWN = GND = PGND = 0.0V, UVIN = 3.0V,
CVCC = 0.µF, CCOMP = 0.µF, CGH = CGL = 3.3nF, CSS = 50nF.
PARAMETER
MIN TYP MAX UNITS CONDITIONS
CONTROL LOOP: PWM COMPARATOR, RAMP & LOOP DELAY PATH
Ramp Offset
.7
2.0
2.3
V
TA = 25˚C
Ramp Amplitude
0.80
.0
.20
V
GH Minimum Pulse Width
30
70
ns
Maximum Controllable Duty
Ratio
92
%
Maximum Duty Ratio
00
%
Guaranteed by design
Internal Oscillator Frequency
2.2
2.5
2.8
MHZ
TIMERS: SOFTSTART
SS Charge Current
-6
-0
-4
µA
SS Discharge Current
.0
2.0
3.0
mA
Fault Present
VCC LINEAR REGULATOR
VCC Output Voltage
4.6
5.0
5.4
V
VIN = 6 to 23V,
ILOAD = 0mA to 30mA
Dropout Voltage
250
500
750
mV
IVCC = 30mA
POWER GOOD OUTPUT
Power Good Threshold
-0
-7.5
-5
%
Power Good Hysteresis
2.0
4.0
%
Power Good Sink Current
.0
0
mA
VFB = 0.7V, VPWRGD =
0.2V
PROTECTION: SHORT CIRCUIT & THERMAL
Short Circuit Threshold
Voltage
0.2
0.25
0.3
V
Measured VREF (0.8V)
- VFB
Overcurrent Threshold
Voltage
54
60
66
mV
Measured ISP - ISN
ISP, ISN Common Mode
Range
0
3.3
V
Hiccup Timeout
20
30
40
ms
Thermal Shutdown
Temperature
35
45
55
˚C
Thermal Hysteresis
0
3.3
˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com