Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6138 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6138
Description  Synchronous Buck Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6138 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6138 Datasheet HTML 1Page - Sipex Corporation SP6138 Datasheet HTML 2Page - Sipex Corporation SP6138 Datasheet HTML 3Page - Sipex Corporation SP6138 Datasheet HTML 4Page - Sipex Corporation SP6138 Datasheet HTML 5Page - Sipex Corporation SP6138 Datasheet HTML 6Page - Sipex Corporation SP6138 Datasheet HTML 7Page - Sipex Corporation SP6138 Datasheet HTML 8Page - Sipex Corporation SP6138 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Oct 24-06 Rev J
SP638 Synchronous Buck Controller
© 2006 Sipex Corporation
ELECTRICAL SPECIFICATIONS
Unless otherwise specified: -40°C < TAMB < +85°C, 4.5V < VCC < 5.5V, BST=VCC,SWN = PGND = GND = 0.0V, UVIN = 3.0V, CVCC
= 0.µF, CCOMP = 0.µF, CGH = CGL = 3.3nF, CSS = 50nF.
PARAMETER
MIN TYP MAX UNITS CONDITIONS
OUTPUT: NFET GATE DRIVERS
GH & GL Rise Times
35
50
ns
Measured 0% to 90%
GH & GL Fall Times
30
40
ns
Measured 90% to 0%
GL to GH Non Overlap
Time
45
70
ns
GH & GL Measured at 2.0V
SWN to GL Non Overlap
Time
25
40
ns
Measured SWN = 00mV
to GL = 2.0V
GH & GL Pull Down Re-
sistance
5
50
85
KΩ
Driver Pull Down Resistance
.5
.9
Ω
Driver Pull Up Resistance
2.5
3.9
Ω
BLOCk DIAGRAM
2.5 MHZ
NON SYNC. STARTUP
100ms Delay
FAULT
0.1V
0.25V
SOFTSTART INPUT
135ºC OFF
145ºC ON
50KΩ
140KΩ
1.0V OFF
1.7V ON
4.05 V OFF
4.25 V ON
FAULT
R
FAULT
6
EN
1 uA
VCC
VCC
3 GND
ENABLE
COMPARATOR
COMPARATOR
1.6 V
SS
GL HOLD OFF
CLK
CLOCK PULSE GENERATOR
Q
S
RESET
DOMINANT
QPWM
SYNCHRONOUS
DRIVER
13
12
11
1
2 PGND
BST
7
9
10
15
14
16
8
5
2.8 V
1.3 V
RAMP = 1V
VFB
Power Good
PWRGD
0.72 V OFF
0.74 V ON
VPOS
THERMAL AND OVER CURRENT PROTECTION
UVLO COMPARATORS
VCC UVLO
HICCUP FAULT
REFOK
COUNTER
CLR
CLK
ISP
ISN
60 mV
OVER CURRENT
DETECTION
DETECTION
VFBINT
SHORTCIRCUIT
Q
DOMINANT
R
S
SET
SHUTDOWN
THERMAL
VIN
REFOK
CORE
0.8V
UVIN
VIN UVLO
2.50 V ON
2.20 V OFF
REGULATOR
LINEAR
5V
REFERENCE
POWER FAULT
VCC
POS REF
FAULT
VCC
SS
10 uA
VCC
VFBINT
4
VFB
GL
PWM LOOP
COMP
VPOS
Gm
Gm ERROR AMPLIFIER
GH
SWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com