Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6138 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6138
Description  Synchronous Buck Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6138 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6138 Datasheet HTML 1Page - Sipex Corporation SP6138 Datasheet HTML 2Page - Sipex Corporation SP6138 Datasheet HTML 3Page - Sipex Corporation SP6138 Datasheet HTML 4Page - Sipex Corporation SP6138 Datasheet HTML 5Page - Sipex Corporation SP6138 Datasheet HTML 6Page - Sipex Corporation SP6138 Datasheet HTML 7Page - Sipex Corporation SP6138 Datasheet HTML 8Page - Sipex Corporation SP6138 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Oct 24-06 Rev J
SP638 Synchronous Buck Controller
© 2006 Sipex Corporation
PIN DESCRIPTION
THEORY OF OPERATION
General Overview
The SP6138 is a fixed frequency, voltage
mode, synchronous PWM controller opti-
mized for high efficiency. The part has been
designedtobeespeciallyattractiveforsingle
supply input voltages ranging between 5V
and 24V.
The heart of the SP638 is a wide bandwidth
transconductance amplifier designed to ac-
commodate Type II and Type III compensa-
tion schemes. A precision 0.8V reference
present on the positive terminal of the error
amplifier permits the programming of the
output voltage down to 0.8V via the VFB pin.
The output of the error amplifier, COMP,
compared to a V peak-to-peak ramp is
responsible for trailing edge PWM control.
ThisvoltagerampandPWMcontrollogicare
governed by the internal oscillator that ac-
curately sets the PWM frequency to 2.5 MHz.
PIN
#
PIN
NAME
DESCRIPTION

GL
High current driver output for the low side NFET switch. It is always low if GH is high or
during a fault. Resistor pull down ensures low state at low voltage.
2
PGND Ground Pin. The power circuitry is referenced to this pin. Return separately from other
ground traces to the (-) terminal of Cout.
3
GND Ground pin. The control circuitry of the IC is referenced to this pin.
4
VFB
Feedback Voltage and Short Circuit Detection pin. It is the inverting input of the Error
Amplifier and serves as the output voltage feedback point for the Buck Converter. The output
voltage is sensed and can be adjusted through an external resistor divider. Whenever VFB
drops 0.25V below the positive reference, a short circuit fault is detected and the IC enters
hiccup mode.
5
COMP
Output of the Error Amplifier. It is internally connected to the non-inverting input of the PWM
comparator. An optimal filter combination is chosen and connected to this pin and either
ground or VFB to stabilize the voltage mode loop.
6
EN
Enable Pin. Pulling this pin below 0.4V will place the IC into sleep mode. This pin is
internally pulled to VCC with a µA current source.
7
PWRGD Power Good Output. This open drain output is pulled low when VOUT is outside of the
regulation. Connect an external resistor to pull high.
8
SS
Soft Start/Fault Flag. Connect an external capacitor between SS and GND to set the soft
start rate based on the 0µA source current. The SS pin is held low via a mA (min) current
during all fault conditions.
9
ISN
Negative Input for the Sense Comparator. There should be a 60mV offset between PSENSE
and NSENSE. Offset accuracy +0%.
0
ISP
Positive Input for the Inductor Current Sense.

SWN Lower supply rail for the GH high-side gate driver. Connect this pin to the switching node at
the junction between the two external power MOSFET transistors.
2
GH
High current driver output for the high side NFET switch. It is always low if GL is high or during a fault.
3
BST
High side driver supply pin. Connect BST to the external boost diode and capacitor as
shown in the Application Schematic of page . High side driver is connected between BST pin and
SWN pin.
4
VIN
Supply Input. Provides power to the internal LDO.
5
UVIN Under Voltage lock-out for VIN voltage. Internally has a resistor divider from VIN to ground.
Can be overridden with external resistors.
6
VCC Output of the Internal LDO. If VIN is less than 5V then Vcc should be powered from an
external 5V supply.
Note: Die-attach paddle is internally connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com