Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7655 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP7655
Description  Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7655 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP7655 Datasheet HTML 4Page - Sipex Corporation SP7655 Datasheet HTML 5Page - Sipex Corporation SP7655 Datasheet HTML 6Page - Sipex Corporation SP7655 Datasheet HTML 7Page - Sipex Corporation SP7655 Datasheet HTML 8Page - Sipex Corporation SP7655 Datasheet HTML 9Page - Sipex Corporation SP7655 Datasheet HTML 10Page - Sipex Corporation SP7655 Datasheet HTML 11Page - Sipex Corporation SP7655 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Rev E: 3/2/07
SP7655 Wide Input Voltage Range 8A, 300kHz, Buck Regulator
© 2007 Sipex Corporation
Output Capacitor Selection
The required ESR (Equivalent Series Resis-
tance) and capacitance drive the selection of the
type and quantity of the output capacitors. The
ESR must be small enough that both the resis-
tive voltage deviation due to a step change in the
load current and the output ripple voltage do not
exceed the tolerance limits expected on the
output voltage. During an output load transient,
the output capacitor must supply all the addi-
tional current demanded by the load until the
SP7655 adjusts the inductor current to the new
value.
In order to maintain VOUT ,the capacitance must
be large enough so that the output voltage is held
up while the inductor current ramps to the value
corresponding to the new load current. Addi-
tionally, the ESR in the output capacitor causes
a step in the output voltage equal to the current.
Because of the fast transient response and inher-
ent 0% to100% duty cycle capability provided
by the SP7655 when exposed to an output load
transient, the output capacitor is typically cho-
sen for ESR, not for capacitance value.
The ESR of the output capacitor, combined with
the inductor ripple current, is typically the main
contributor to output voltage ripple. The maxi-
mum allowable ESR required to maintain a
specified output voltage ripple can be calculated
by:
RESR
VOUT
IPK-PK
where:
VOUT = Peak-to-Peak Output Voltage Ripple
IPK-PK= Peak-to-Peak Inductor Ripple Current
The total output ripple is a combination of the
ESR and the output capacitance value and can
be calculated as follows:
VOUT =
(IPP(1–D))2+(IPPRESR)2
COUTFS
FS= Switching Frequency
D = Duty Cycle
COUT= Output Capacitance Value
Input Capacitor Selection
The input capacitor should be selected for ripple
current rating, capacitance and voltage rating.
The input capacitor must meet the ripple current
requirement imposed by the switching current.
In continuous conduction mode, the source cur-
rent of the high-side MOSFET is approximately
a square wave of duty cycle VOUT/VIN. More
accurately the current wave form is trapezoidal,
given a finite turn-on and turn-off, switch tran-
sition slope. Most of this current is supplied by
the input bypass capacitors. The RMS current
handling capability of the input capacitors is
determined at maximum output current and
under the assumption that the peak-to-peak in-
ductor ripple current is low, it is given by:
I
CIN(RMS)= I OUT(max) D(1 - D)
The worst case occurs when the duty cycle D is
50% and gives an RMS current value equal to
IOUT/2.
Select input capacitors with adequate ripple
current rating to ensure reliable operation.
The power dissipated in the input capacitor is:
)
(
2
)
(
CIN
ESR
rms
CIN
CIN
R
I
P
=
This can become a significant part of power
losses in a converter and hurt the overall energy
transfer efficiency. The input voltage ripple
primarily depends on the input capacitor ESR
and capacitance. Ignoring the inductor ripple
current, the input voltage ripple can be deter-
mined by:
APPLICATIONS INFORMATION
2
)
(
)
(
(max)
)
(
IN
IN
S
OUT
IN
OUT
MAX
OUT
CIN
E SR
out
IN
V
C
F
V
V
V
I
R
I
V
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com