Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7655 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7655
Description  Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7655 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7655 Datasheet HTML 1Page - Sipex Corporation SP7655 Datasheet HTML 2Page - Sipex Corporation SP7655 Datasheet HTML 3Page - Sipex Corporation SP7655 Datasheet HTML 4Page - Sipex Corporation SP7655 Datasheet HTML 5Page - Sipex Corporation SP7655 Datasheet HTML 6Page - Sipex Corporation SP7655 Datasheet HTML 7Page - Sipex Corporation SP7655 Datasheet HTML 8Page - Sipex Corporation SP7655 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Rev E: 3/2/07
SP7655 Wide Input Voltage Range 8A, 300kHz, Buck Regulator
© 2007 Sipex Corporation
ELECTRICAL SPECIFICATIONS
Unless otherwise specified: -40°C < TAMB< 85 °C, -40°C< Tj< 125°C, 4.5V < VCC < 5.5V, 3V< Vin< 28V, BST=LX + 5V,
LX = GND = 0.0V, UVIN = 3.0V, CVCC= 1 µF, CCOMP= 0.1 µF, CSS= 50nF, Typical measured at V CC = 5V.
The denotes the specifications which apply over the full temperature range, unless otherwise specified.
R
E
T
E
M
A
R
A
P
.
N
I
M
.
P
Y
T
.
X
A
M
S
T
I
N
U
S
N
O
I
T
I
D
N
O
C
H
T
A
P
Y
A
L
E
D
P
O
O
L
&
P
M
A
R
,
R
O
T
A
R
A
P
M
O
C
M
W
P
:
P
O
O
L
L
O
R
T
N
O
C
e
d
ut
il
p
m
A
p
m
a
R
2
9.
0
1.
1
8
2.
1
V
te
sf
f
O
P
M
A
R
1.
1
V
T
A
P
M
O
C
P
M
A
R
,
C
º
5
2
=
g
ni
h
ct
i
w
S
st
r
at
s
H
G
lit
n
u
tn
ei
ci
ff
e
o
C
.p
m
e
T
te
sf
f
O
P
M
A
R
2
-
C
º/
V
m
ht
di
W
e
sl
u
P
m
u
m
in
i
M
H
G
0
9
0
8
1
s
n
♦
oi
ta
R
yt
u
D
el
b
al
lo
rt
n
o
C
m
u
m
ix
a
M
2
9
7
9
%
oi
ta
R
yt
u
D
m
u
m
ix
a
M
e
r
of
e
b
ts
uj
d
e
r
u
s
a
e
M
s
ni
g
e
b
g
ni
sl
u
p
oi
ta
R
yt
u
D
m
u
m
ix
a
M
0
0
1
%
s
el
c
y
c
0
2
r
of
di
la
V
oi
ta
R
r
ot
al
li
c
s
O
la
n
r
et
nI
240
300
360
z
H
k
♦
T
R
A
T
S
T
F
O
S
:
S
R
E
M
I
T
:t
n
e
rr
u
C
e
g
r
a
h
C
S
S
0
1
A
µ
:t
n
e
rr
u
C
e
g
r
a
h
c
si
D
S
S
1
A
m
♦
V
2.
0
=
S
S
,t
n
e
s
e
r
P
tl
u
a
F
la
m
r
e
h
T
&
ti
u
c
ri
C
tr
o
h
S
:
N
O
I
T
C
E
T
O
R
P
e
g
at
lo
V
dl
o
h
s
e
r
h
T
ti
u
cr
i
C
tr
o
h
S
2.
0
5
2.
0
3.
0
V
♦
V
d
e
r
u
s
a
e
M
F
E
R
-
)
V
8.
0
(
V
B
F
tu
o
e
m
iT
p
u
c
ci
H
0
0
2
s
m
V
B
F
V
5.
0
=
s
el
c
y
C
k
c
ol
C
el
b
a
w
ol
l
A
fo
r
e
b
m
u
N
el
c
y
C
yt
u
D
%
0
0
1
ta
0
2
s
el
c
y
C
s
el
c
y
C
0
2
r
et
f
A
e
sl
u
P
L
G
m
u
m
in
i
M
5.
0
s
el
c
y
C
V
B
F
V
7.
0
=
e
r
ut
a
r
e
p
m
e
T
n
w
o
dt
u
h
S
la
m
r
e
h
T
5
4
1
C
º
V
B
F
V
7.
0
=
e
r
ut
a
r
e
p
m
e
T
yr
e
v
o
c
e
R
la
m
r
e
h
T
5
3
1
C
º
si
s
e
r
et
s
y
H
la
m
r
e
h
T
0
1
C
º
E
G
A
T
S
R
E
W
O
P
:
T
U
P
T
U
O
R
e
di
S
h
gi
H
N
O
S
D
5
1
Ω
m
♦ V C
C
I
;
V
5
=
T
U
O
A
8
=
T
B
M
A
C
º
5
2
=
R
T
E
F
s
u
o
n
o
r
h
c
n
y
S
N
O
S
D
5
1
Ω
m
♦ V C
C
I
;
V
5
=
T
U
O
A
8
=
T
B
M
A
C
º
5
2
=
tn
e
rr
u
C
tu
pt
u
O
m
u
m
ix
a
M
8
A
♦



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com