Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7655 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7655
Description  Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7655 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP7655 Datasheet HTML 2Page - Sipex Corporation SP7655 Datasheet HTML 3Page - Sipex Corporation SP7655 Datasheet HTML 4Page - Sipex Corporation SP7655 Datasheet HTML 5Page - Sipex Corporation SP7655 Datasheet HTML 6Page - Sipex Corporation SP7655 Datasheet HTML 7Page - Sipex Corporation SP7655 Datasheet HTML 8Page - Sipex Corporation SP7655 Datasheet HTML 9Page - Sipex Corporation SP7655 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Rev E: 3/2/07
SP7655 Wide Input Voltage Range 8A, 300kHz, Buck Regulator
© 2007 Sipex Corporation
THEORY OF OPERATION
as simple as an RC circuit to Ground. If a more
complex compensation is required, then the
amplifier has enough bandwidth (45° at 4 MHz)
and enough gain (60dB) to run Type III compen-
sation schemes with adequate gain and phase
margins at crossover frequencies greater than
50kHz.
The common mode output of the error amplifier
is 0.9V to 2.2V. Therefore, the PWM voltage
ramp has been set between 1.1V and 2.2V to
ensure proper 0% to 100% duty cycle capability.
The voltage loop also includes two other very
important features. One is
non-synchronous
startup mode. Basically, the synchronous recti-
fier cannot turn on unless the high side switch
has attempted to turn on or the SS pin has
exceeded 1.7V. This feature prevents the con-
troller from “dragging down” the output voltage
during startup or in fault modes. The second
feature is a 100% duty cycle timeout that en-
sures synchronized refreshing of the BST ca-
pacitor at very high duty ratios. In the event that
the high side NFET is on for 20 continuous
clock cycles, a reset is given to the PWM flip-
flop half way through the 21st cycle. This forces
GL to rise for the cycle, in turn refreshing the
BST capacitor. The boost capacitor is used to
generate a high voltage drive supply for the high
side switch, which is 5V above VIN.
Power MOSFETs
The SP7655 contains a pair of integrated low
resistance N-channel switches designed to drive
up to 10 Amps of output current. Care should be
taken to de-rate the output current based on the
thermal conditions in the system such as ambi-
ent temperature, airflow and heat sinking. Maxi-
mum output current could be limited by thermal
limitations of a particular application by taking
advantage of the integrated-over-temperature
protective scheme employed in the SP7655.
The SP7655 incorporates a built-in over-tem-
perature protection to prevent internal overheat-
ing.
GH
Voltage
GL
Voltage
V(VIN)
0V
-0V
-V(Diode) V
V(VIN)+V(VCC)
BST
Voltage
V(VCC)
TIME
SWN
Voltage
VBST
VSWN
V(VCC)
The SP7655 can be set to different output volt-
ages. The relationship in the following formula
is based on a voltage divider from the output to
the feedback pin VFB, which is set to an internal
reference voltage of 0.80V. Standard 1% metal
film resistors of surface mount size 0603 are
recommended.
Vout = 0.80V ( R1 / RSET + 1 ) =>
Rset =
R1
.
[( Vout / 0.80V ) – 1 ]
Where R1 = 68.1K and for VOUT = 0.80V
setting, simply remove RSET from the board. Fur-
thermore, one could select the value of the R1
and RSET combination to meet the exact output
voltagesettingbyrestrictingR1resistancerange
such that 50K < R1 < 100K for overall
system loop stability.
Setting Output Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com