Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7655 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7655
Description  Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7655 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7655 Datasheet HTML 1Page - Sipex Corporation SP7655 Datasheet HTML 2Page - Sipex Corporation SP7655 Datasheet HTML 3Page - Sipex Corporation SP7655 Datasheet HTML 4Page - Sipex Corporation SP7655 Datasheet HTML 5Page - Sipex Corporation SP7655 Datasheet HTML 6Page - Sipex Corporation SP7655 Datasheet HTML 7Page - Sipex Corporation SP7655 Datasheet HTML 8Page - Sipex Corporation SP7655 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image

Rev E: 3/2/07
SP7655 Wide Input Voltage Range 8A, 300kHz, Buck Regulator
© 2007 Sipex Corporation
SP7655
FEATURES
■
2.5V to 28V Step Down Achieved Using Dual Input
■
Output Voltage down to 0.8V
■
8A Output Capability
■
Built in Low RDSON Power Switches (15m typ)
■
Highly Integrated Design, Minimal Components
■
300 kHz Fixed Frequency Operation
■
UVLO Detects Both VCC and V IN
■
Over Temperature Protection
■
Short Circuit Protection with Auto-Restart
■
Wide BW Amp Allows Type II or III Compensation
■
Programmable Soft Start
■
Fast Transient Response
■
High Efficiency: Greater than
95%Possible
■
Non-
synchronous Start-Up into a Pre-Charged Output
■
Lead Free, RoHS Compliant Package:
Small 7mm x 4mm DFN
■
U.S. Patent #6,922,041
Wide Input Voltage Range, 8Amp
300kHz, Buck Regulator
The SP7655 is a synchronous step-down switching regulator optimized for high efficiency. The part is designed to be
especially attractive for dual supply, 12V or 24V distributed power systems stepped down with 5V used to power the
controller. This lower VCCvoltage minimizes power dissipation in the part and is used to drive the top switch. The
SP7655 is designed to provide a fully integrated buck regulator solution using a fixed 300kHz frequency, PWM voltage
mode architecture. Protection features include UVLO, thermal shutdown and output short circuit protection. The
SP7655 is available in the space saving DFN package
.
TYPICAL APPLICATION CIRCUIT
DESCRIPTION
Power Blox TM
16V
CBST
6,800pF
L1
2.2uH, Irate=8A
C1
22uF
CVCC
2.2uF
U1
SP7655
PGND
1
PGND
2
PGND
3
GND
4
VFB
5
COMP
6
UVIN
7
GND
8
SS
9
VIN
10
VIN
11
VIN
12
VIN
13
LX
14
LX
15
LX
16
NC
17
BST
18
GND
19
GND
20
GND
21
VCC
22
LX
23
LX
24
LX
25
LX
26
DBST
CSS
47nF
CP1
22pF
3.30V
0-8A
RSET
21.5k ,1%
GND
C3
47uF
C4
22uF
Notes:
12V
VIN
SD101AWS
have three contacts isolated from
one another: Vin, SWNODE, and GND.
RZ3
7.15k
1%
VOUT
CZ3
150pF
CZ2
1,000pF
R1
68.1k ,1%
RZ2
15k ,1%
CF1
100pF
fs=300Khz
ENABLE
+5V
VCC
2. RSET=54.48/(Vout-0.8V) KOhms
(note 2)
6.3V
1. U1 Bottom side layout should
16V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
TOP VIEW
Heatsink Pad 1
Connect to Lx
Heatsink Pad 2
Connect to GND
Heatsink Pad 3
Connect toVIN
PGND
PGND
GND
VFB
COMP
UVIN
GND
SS
VIN
LX
LX
LX
LX
VCC
GND
GND
GND
BST
NC
LX
LX
LX
DFN PACKAGE
7mm x 4mm
SP7655
PGND
VIN
VIN
VIN


Similar Part No. - SP7655

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
491Kb / 10P
Evaluation Board Manual
SP7655EB SIPEX-SP7655EB Datasheet
491Kb / 10P
Evaluation Board Manual
SP7655ER SIPEX-SP7655ER Datasheet
491Kb / 10P
Evaluation Board Manual
SP7655ER-L/TR SIPEX-SP7655ER-L/TR Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
More results

Similar Description - SP7655

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7650 SIPEX-SP7650 Datasheet
121Kb / 12P
Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7662 SIPEX-SP7662 Datasheet
1Mb / 19P
Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7650 SIPEX-SP7650_06 Datasheet
1Mb / 16P
Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7651 SIPEX-SP7651_07 Datasheet
1Mb / 15P
Wide Input Voltage Range 3Amp 900kHz Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7662 SIPEX-SP7662_07 Datasheet
1Mb / 19P
Wide Input Voltage Range 12A, 300kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com