Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP7663
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP7663 Datasheet HTML 5Page - Sipex Corporation SP7663 Datasheet HTML 6Page - Sipex Corporation SP7663 Datasheet HTML 7Page - Sipex Corporation SP7663 Datasheet HTML 8Page - Sipex Corporation SP7663 Datasheet HTML 9Page - Sipex Corporation SP7663 Datasheet HTML 10Page - Sipex Corporation SP7663 Datasheet HTML 11Page - Sipex Corporation SP7663 Datasheet HTML 12Page - Sipex Corporation SP7663 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Feb2-07 Rev O
SP7663 Wide Input Voltage Range 6A, 600kHz Buck Regulator
© 2007 Sipex Corporation
theamplifier’scurrentlimited(+/-150µA)
transconductance, there are many ways to
compensatethevoltagelooportocontrolthe
COMPpinexternally.Ifasimple,single-pole,
single-zero response is desired, then com-
pensation can be as simple as an RC circuit
toGround.Ifamorecomplexcompensation
isrequired,thentheamplifierhasenough
bandwidth(45°at4MHz),andenoughgain
(60dB)torunTypeIIIcompensationschemes
with adequate gain and phase margins at
crossover frequencies greater than 50kHz.
The common mode output of the error am-
plifieris0.9Vto2.2V.Therefore,thePWM
voltageramphasbeensetbetween.Vand
2.2V to ensure proper0% to 00% dutycycle
capability. The voltage loop also includes
two other very important features. One is a
nonsynchronousstartupmode.Basically,the
synchronousrectifiercannotturnonunless
the high side switch has attempted to turn
on or the SS pin has exceeded .7V. This
featurepreventsthecontrollerfrom“dragging
down” the output voltage during startup or
in fault modes.
GH
Voltage
GL
Voltage
V(VIN)
0V
-0V
-V(Diode) V
V(VIN)+V(VCC)
BST
Voltage
V(VCC)
TIME
SWN
Voltage
VBST
VSWN
V(VCC)
The second feature is a 00% duty cycle
timeout that ensures synchronized refresh-
ing of the BST capacitor at very high duty
ratios. In the event that the high side NFET
is on for 20 continuous clock cycles, a reset
isgiventothePWMflipflophalfwaythrough
the 2stcycle.ThisforcesGLtoriseforthe
cycle, in turn refreshing the BST capacitor.
The boost capacitor is used to generate a
high voltage drive supply for the high side
switch, which is Vcc above ViN.
Power MOSFETs
TheSP7663containsapairofintegratedlow
resistance N-channel switches designed to
drive up to 6Aof output current. Care should
be taken to de-rate the output current based
on the thermal conditions in the system such
as ambient temperature, airflow and heat
sinking.Maximumoutputcurrentcouldbe
limited by thermal limitations of a particular
application by taking advantage of the inte-
grated-over-temperature protective scheme
employed in the SP7663. The SP7663 incor-
porates a built-in overtemperature protection
to prevent internal overheating.
Setting Output Voltages
The SP7663 can be set to different output
voltages. The relationship in the following
formula is based on a voltage divider from
the output to the feedback pin VfB, which is
set to an internal reference voltage of 0.80V.
Standard1%metalfilmresistorsofsurface
mount size 0603 are recommended.
VOut = 0.80V
[R / R2 +  ] =>
R2 = R /
[ ( VOut / 0.80V ) –  ]
WhereR1=10KΩandforVOut = 0.80V
setting, simply remove R2 from the board.
Furthermore, one could select the value of
the R and R2 combination to meetthe exact
output voltage setting by restricting the R
resistance range such that 10KΩ < R1 <
100KΩforoverallsystemloopstability.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com