Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7663
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663 Datasheet(HTML) 5 Page - Sipex Corporation

  SP7663 Datasheet HTML 1Page - Sipex Corporation SP7663 Datasheet HTML 2Page - Sipex Corporation SP7663 Datasheet HTML 3Page - Sipex Corporation SP7663 Datasheet HTML 4Page - Sipex Corporation SP7663 Datasheet HTML 5Page - Sipex Corporation SP7663 Datasheet HTML 6Page - Sipex Corporation SP7663 Datasheet HTML 7Page - Sipex Corporation SP7663 Datasheet HTML 8Page - Sipex Corporation SP7663 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Feb2-07 Rev O
SP7663 Wide Input Voltage Range 6A, 600kHz Buck Regulator
© 2007 Sipex Corporation
PIN DESCRIPTION
Pin #
Pin
Name
Description
-4
PGND Groundconnectionforthesynchronousrectifier.
5, 9,
9, 20 GND
GroundPin.ThecontrolcircuitryoftheICandlowerpowerdriverarereferencedtothis
pin. Return separately from other ground traces to the (-) terminal of COut.
6
VFB
Feedback Voltage and Short Circuit Detection pin. It is the inverting input of the
Error Amplifier and serves as the output voltage feedback point for the Buck
Converter. The output voltage is sensed and can be adjusted through an external
resistor divider. Whenever VFB drops 0.25V below the positive reference, a short
circuit fault is detected and the IC enters hiccup mode.
7
COMP
OutputoftheErrorAmplifier.Itisinternallyconnectedtotheinvertinginputofthe
PWMcomparator.Anoptimalfiltercombinationischosenandconnectedtothis
pin and either ground or VFB to stabilize the voltage mode loop.
8
SS
SoftStart.ConnectanexternalcapacitorbetweenSSandGNDtosetthesoftstart
rate based on the 0µA source current. The SS pin is held low via a mA (min)
current during all fault conditions.
0
ISN
Current sense negative input. Rail-to-rail input for overcurrent detection.

ISP
Current sense positive input. Rail-to-rail input for overcurrent detection.
2
SWN LowersupplyrailfortheGHhigh-sidegatedriver.Connectthispintotheswitching
node as close as possible to pins 23- 27. Do not connect this pin to pins 4 – 6.
3
VINP InputconnectiontothehighsideN-channelMOSFET.
4-6,
23-26
LX
Connect an inductor between this pin and VOut.
7
BST
High side driver supply pin. Connect BST to the external boost diode and capacitor
as shown in the Typical Application Circuit on page . The high side driver is
connected between BST pin and SWN pin.
8
VIN
ViNconnectionforinternalLDOandPWMController.
2
UVIN
UVLO input for ViN voltage. Connect a resistor divider between ViN and UVIN
tosetminimumoperatingvoltage.Useresistorvaluesbelow20kΩtooverride
internal resistor divider.
22
VCC Outputofinternalregulator.MaybeexterinallybiasedifVin<5V.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOTTOM VIEW
Heatsink Pad 1
Connect to Lx
Heatsink Pad 2
Connect to GND
Heatsink Pad 3
Connect to VINP
PGND
PGND
GND
VFB
COMP
UVIN
SWN
VIN
LX
LX
LX
LX
VCC
BST
LX
LX
LX
DFN PACKAGE
7mm x 4mm (Option 2)
SP7663
PGND
VINP
SS
ISN
ISP
PGND
GND
GND
GND
Pin 27
Pin 28
Pin 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com