Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP7663
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP7663 Datasheet HTML 11Page - Sipex Corporation SP7663 Datasheet HTML 12Page - Sipex Corporation SP7663 Datasheet HTML 13Page - Sipex Corporation SP7663 Datasheet HTML 14Page - Sipex Corporation SP7663 Datasheet HTML 15Page - Sipex Corporation SP7663 Datasheet HTML 16Page - Sipex Corporation SP7663 Datasheet HTML 17Page - Sipex Corporation SP7663 Datasheet HTML 18Page - Sipex Corporation SP7663 Datasheet HTML 19Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
6
Feb2-07 Rev O
SP7663 Wide Input Voltage Range 6A, 600kHz Buck Regulator
© 2007 Sipex Corporation
Vout Ripple
Output Ripple, No Load
Vout Ripple
Output Ripple, Iout=6A
Vin
Vout
Start up Response, No Load
Soft start
Iout
5A/div
Vin
Vout
Start up response, Iout=6A
Soft start
Iout 5A/div
Vout Transient
Load Step Response, Iout=0A -6A
Iout
2A/div
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step Response, Iout=3A -6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com