Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7663
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7663 Datasheet HTML 1Page - Sipex Corporation SP7663 Datasheet HTML 2Page - Sipex Corporation SP7663 Datasheet HTML 3Page - Sipex Corporation SP7663 Datasheet HTML 4Page - Sipex Corporation SP7663 Datasheet HTML 5Page - Sipex Corporation SP7663 Datasheet HTML 6Page - Sipex Corporation SP7663 Datasheet HTML 7Page - Sipex Corporation SP7663 Datasheet HTML 8Page - Sipex Corporation SP7663 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image

Feb2-07 Rev O
SP7663 Wide Input Voltage Range 6A, 600kHz Buck Regulator
© 2007 Sipex Corporation
SP7663
FEATURES
■
4.75V to 22V Input Voltage Range using Single Supply
■
3V to 22V Input Voltage Range using Dual Supply
■
±% 0.8V Reference
■
6A Output Capability
■
Current Limiting using Inductor DCR
■
Built in Low RDS(ON) Power Switches
■
600 kHz Fixed Frequency Operation
■
Over Temperature Protection
■
Short Circuit Protection with Auto-Restart
■
Wide BW Amp Allows Type II or III Compensation
■
Programmable Soft Start
■
Fast Transient Response
■
HighEfficiency:Greaterthan
95% Possible
■
Nonsynchronous Start-Up into a Pre-Charged Output
■
AvailableinRoHSCompliant,LeadFreePackaging:
Small 7mm x 4mm DFN
■
U.S. Patent #6,922,04
Wide Input Voltage Range
6A, 600kHz, Buck Regulator
TheSP7663isasynchronousstep-downswitchingregulatoroptimizedforhighefficiency.Thepartisdesigned
for use with a single 4.75V to 22V single supply or 3V to 22V input if an external Vcc is provided. The SP7663
providesafullyintegratedbuckregulatorsolutionusingafixed600kHzfrequency,PWMvoltagemodearchitecture.
Protection features include UVLO, thermal shutdown, output current limit and short circuit protection. The SP7663
is available in the space saving DFN package
.
TYPICAL APPLICATION CIRCUIT
DESCRIPTION
PowerBloxTM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOTTOM VIEW
Heatsink Pad 1
Connect to Lx
Heatsink Pad 2
Connect to GND
Heatsink Pad 3
Connect to VINP
PGND
PGND
GND
VFB
COMP
UVIN
SWN
VIN
LX
LX
LX
LX
VCC
BST
LX
LX
LX
DFN PACKAGE
7mm x 4mm (Option 2)
SP7663
PGND
VINP
SS
ISN
ISP
PGND
GND
GND
GND
Pin 27
Pin 28
Pin 29
12V
SD101AWS
3.30V, 0-6A
PGND
1
PGND
2
PGND
3
PGND
4
GND
5
VFB
6
COMP
7
SS
8
GND
9
ISN
10
ISP
11
SWN
12
VIN
13
LX
14
LX
15
LX
16
BST
17
VIN
18
GND
19
GND
20
UVIN
21
VCC
22
LX
23
LX
24
LX
25
LX
26
GND
C5
100uF
VOUT
U1
SP7663
Rs1
1 Ohm
CZ2
270pF
C9 6.8nF
Rs2
1 Ohm
CP1
10pF
C1
22uF
R1
68.1kΩ,1%
CBST
6.8nF
Cs1
2.2nF
Cs2
2.2nF
C2
22uF
GND
CVCC
4.7uF
RZ3
3.09kΩ
R3
4.99kΩ
DBST
RZ2
75kΩ,1%
L1
1.5uH, 5.5 mOhm
R2
21.5kΩ,1%
VIN
CSS
47nF
R4
4.99kΩ
R13
3.3Ω
CZ3
180pF
C4 0.1uF
CF1
100pF
ISP
ISN
LX
LX
ISP
LX
ISN
NC


Similar Part No. - SP7663

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7663 SIPEX-SP7663 Datasheet
352Kb / 16P
Evaluation Board Manual
logo
Exar Corporation
SP7663 EXAR-SP7663 Datasheet
763Kb / 18P
6A 600KHz Synchronous Step Down Regulator
logo
Sipex Corporation
SP7663 SIPEX-SP7663 Datasheet
740Kb / 19P
Current Limiting using Inductor DCR
SP7663EB SIPEX-SP7663EB Datasheet
352Kb / 16P
Evaluation Board Manual
SP7663ER SIPEX-SP7663ER Datasheet
352Kb / 16P
Evaluation Board Manual
More results

Similar Description - SP7663

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7652 SIPEX-SP7652 Datasheet
133Kb / 13P
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7661 SIPEX-SP7661 Datasheet
1,004Kb / 20P
Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7652 SIPEX-SP7652_06 Datasheet
1Mb / 16P
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
Wide Input Voltage Range 3A, 600kHz, Buck Regulator
logo
International Rectifier
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863MPBF IRF-IR3863MPBF Datasheet
1Mb / 21P
6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863M IRF-IR3863M_15 Datasheet
1Mb / 21P
6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com