Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX432AM Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX432AM
Description  1.24V Precision Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432AM Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX432AM Datasheet HTML 3Page - Sipex Corporation SPX432AM Datasheet HTML 4Page - Sipex Corporation SPX432AM Datasheet HTML 5Page - Sipex Corporation SPX432AM Datasheet HTML 6Page - Sipex Corporation SPX432AM Datasheet HTML 7Page - Sipex Corporation SPX432AM Datasheet HTML 8Page - Sipex Corporation SPX432AM Datasheet HTML 9Page - Sipex Corporation SPX432AM Datasheet HTML 10Page - Sipex Corporation SPX432AM Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Date: 12/11/04
SPX432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
R2
0.1%
VIN
R3
R1
0.1%
VOUT
VREF
SPX432
Q1
VIN
R2
R1
0.1%
ISINK
SPX432
R2
0.1%
R3
R1
0.1%
VOUT
SPX432
C2
C1
Isolated
Feedback
VOUTRTN
+
R3 sets feedback gain,
C1 provides feedback
compensation
Opto Isolator
TYPICAL PERFORMANCE CHARACTERISTICS
Shunt Regulator, VOUT = (1+R1/R2)VREF.
Constant Current Sink ISINK = VREF/R1.
Reference Amplifier for Isolated Feedback in Off-Line
DC-DC Converters.
Precision High Current Series Regulator,
VOUT = (1+R1/R2)VREF.
High Current Shunt Regulator, VOUT = (1+R1/R2)VREF.
VIN
R1
0.1%
SPX432
R3
R2
0.1%
C1
R5
R4
VOUT
VIN
R1
0.1%
SPX432
R3
R2
0.1%
Q1
VOUT
Single Supply Comparator with Temperature
Compensated Threshold, VIN threshold = 1.24V.
VCC
R2
SPX432
VIN
VOUT
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com