Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX432AM Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX432AM
Description  1.24V Precision Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432AM Datasheet(HTML) 4 Page - Sipex Corporation

  SPX432AM Datasheet HTML 1Page - Sipex Corporation SPX432AM Datasheet HTML 2Page - Sipex Corporation SPX432AM Datasheet HTML 3Page - Sipex Corporation SPX432AM Datasheet HTML 4Page - Sipex Corporation SPX432AM Datasheet HTML 5Page - Sipex Corporation SPX432AM Datasheet HTML 6Page - Sipex Corporation SPX432AM Datasheet HTML 7Page - Sipex Corporation SPX432AM Datasheet HTML 8Page - Sipex Corporation SPX432AM Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Date: 12/11/04
SPX432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
-2
-1
0
1
2
3
15.0
12.5
10.0
7.5
5.0
2.5
0
-2.5
-5.0
-7.5
-10.0
VKA Cathode Voltage (V)
VKA = VREF
0°C to 105°C
TYPICAL PERFORMANCE CHARACTERISTICS
900
800
700
600
500
400
300
200
100
0
-100
-200
-1.0
0
=
105 °C
25 °C
-0 °C
VKA - Cathode Voltage (V)
-0.5
0.25
0.5
0.75
1.0
1.25
1.5
1.24
VKA = VREF
Temperature Range: 0
°C to 105°C
High Current Operating Characteristics.
VKA = VREF, IKA = 10mA.
Low Current Operating Characteristics.
VKA = VREF, Sweeping IKA, 25°C.
Reference Input Current VS Temperature; IKA= 10mA.
Reference Voltage Line Regulation; IKA = 10mA,
Sweeping VKA, 25°C.
0
0.5
1
1.5
2
2.5
3
-60
-30
0
30
60
90
TA-Ambient Temperature (C)
1.235
1.24
1.245
1.25
0.01
0.1
1
10
100
IK--cathode Current (mA)
1.22
1.225
1.23
1.235
1.24
1.245
1.25
-60
-30
0
30
60
90
120
TA-Ambient Temperature (C)
-50
-40
-30
-20
-10
0
03
69
12
15
18
21
VKA-Cathode Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com