Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX432AM Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX432AM
Description  1.24V Precision Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432AM Datasheet(HTML) 5 Page - Sipex Corporation

  SPX432AM Datasheet HTML 1Page - Sipex Corporation SPX432AM Datasheet HTML 2Page - Sipex Corporation SPX432AM Datasheet HTML 3Page - Sipex Corporation SPX432AM Datasheet HTML 4Page - Sipex Corporation SPX432AM Datasheet HTML 5Page - Sipex Corporation SPX432AM Datasheet HTML 6Page - Sipex Corporation SPX432AM Datasheet HTML 7Page - Sipex Corporation SPX432AM Datasheet HTML 8Page - Sipex Corporation SPX432AM Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Date: 12/11/04
SPX432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
10
100
1K
10K
100K
70
60
50
40
30
20
10
0
f Frequency (Hz)
VKA = VREF
IK = 10mA
TA = 25°C
-60
-30
0
30
60
90
120
0.150
0.125
0.100
0.075
0.050
0.025
0.0
TA Free Air Temperature
VKA = VREF
IK = 1 to 80mA
f≤1kHz
10
100
1K
10K
100K
1M
10M
START 10.000Hz
STOP 10 000 000.000Hz
REF LEVEL
0.0deg
70.000dB
/DIV
45.000deg
10.000dB
MARKER 735
PHASE (A/R)
MARKER 735
MAG (A/R)
074.781Hz
87.012deg
074.781Hz
0.047dB
GAIN
PHASE
60dB
50dB
40dB
30dB
20dB
10dB
0dB
-10dB
-20dB
-30dB
215°
180°
135°
90°
45°
0°
-45°
-90°
-135°
-180°
-215°
70dB
Off State Leakage; VKA = 18V, VREF = 0V.
Noise Voltage VS Frequency.
TYPICAL PERFORMANCE CHARACTERISTICS
10
µF
15k
Ω
3.03k
Ω
GND
230
Ω
I
K
VIN
VOUT
Low Frequency Dinamic Output Impedance VS T
AMBIENT.
Small Signal Gain and Phase VS Frequency; I
K = 10mA,
T
A = 25°C.
Test Circuit for Gain and Phase Frequency Response.
0.0001
0.0010
0.0100
0.1000
1.0000
10.0000
100.0000
1000.0000
-50
0
50
100
150
TA Ambient Temperature (C)
100
0.1
1.0
10
1k
10 k
100 k
1 M
0.01
T
A =25 °C
I
K =1 to 80 mA
f - Frequency (Hz)
10 M
Dynamic Output Impedance TA= 25°C, IKA = 1 to 80mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com