Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX432AM Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX432AM
Description  1.24V Precision Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432AM Datasheet(HTML) 1 Page - Sipex Corporation

  SPX432AM Datasheet HTML 1Page - Sipex Corporation SPX432AM Datasheet HTML 2Page - Sipex Corporation SPX432AM Datasheet HTML 3Page - Sipex Corporation SPX432AM Datasheet HTML 4Page - Sipex Corporation SPX432AM Datasheet HTML 5Page - Sipex Corporation SPX432AM Datasheet HTML 6Page - Sipex Corporation SPX432AM Datasheet HTML 7Page - Sipex Corporation SPX432AM Datasheet HTML 8Page - Sipex Corporation SPX432AM Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Date: 12/11/04
SPX432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
1.24V Precision Adjustable Shunt Regulator
SPX432
DESCRIPTION
FEATURES
■ Low Voltage Operation, 1.24V
■ Trimmed Bandgap to 0.5% and 1%
■ Wide Operating Current, 1mA to 80mA
■ Adjustable Output Voltage, V
REF to 18V
■ Extended Temp.Range: 0°C to 105°C
■ Low Temperature Coefficient, 50 ppm/°C
■ Offered in TO-92, SOIC, SOT-23-3
■ Replacement for TLV431, AS432
®
The SPX432 is a 3-terminal adjustable shunt voltage regulator providing a highly accurate 1.24V
bandgap reference with 0.5% tolerance. The SPX432’s thermal stability, wide operating current
(80mA) and temperature range (0
°C to 105°C) makes it suitable for a variety of applications. SPX432
tolerance of 0.5% is proven to be sufficient to overcome all of the other errors in the system to virtually
eliminate the need for trimming in the power supply manufactures’ assembly lines and contribute a
significant cost savings.
The SPX432 is an ideal voltage reference in an isolated feedback circuit for switch mode power
supplies. SPX432 offers many advantages over the TLV431 such as wider output voltage (18V vs.
6V), higher output current (80mA vs. 15mA) and a wider operating temperature range with a tighter
tolerance down to 0.5%.
■ Single Supply Amplifier
■ Monitors / VCRs / TVs
■ Personal Computers
■ Voltage References
BLOCK DIAGRAM
Cathode (K)
1.24V
Reference
(R)
+
-
Anode (A)
Now Available in Lead Free Packaging
APPLICATIONS
■ Switching Power Supplies
■ Adjustable Supplies
■ Error Amplifiers
Refer to page 11 for other pinouts.
SPX432
3 Pin SOT-23
Ref
Anode
Cathode
1
2
3


Similar Part No. - SPX432AM

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432AM SIPEX-SPX432AM Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432AM5 SIPEX-SPX432AM5 Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
More results

Similar Description - SPX432AM

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432 SIPEX-SPX432 Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432L SIPEX-SPX432L Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
SPX1432 SIPEX-SPX1432 Datasheet
99Kb / 7P
1.24V Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com