Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6138EB Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6138EB
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6138EB Datasheet(HTML) 9 Page - Sipex Corporation

  SP6138EB Datasheet HTML 1Page - Sipex Corporation SP6138EB Datasheet HTML 2Page - Sipex Corporation SP6138EB Datasheet HTML 3Page - Sipex Corporation SP6138EB Datasheet HTML 4Page - Sipex Corporation SP6138EB Datasheet HTML 5Page - Sipex Corporation SP6138EB Datasheet HTML 6Page - Sipex Corporation SP6138EB Datasheet HTML 7Page - Sipex Corporation SP6138EB Datasheet HTML 8Page - Sipex Corporation SP6138EB Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Aug 24-06
SP6138 Evaluation Manual
©2006 Sipex Corporation
Page 9 of 9
Figure 16. SP6138EB PCB Layout Inner Layer 1 & Inner Layer 2
Line
Ref.
Qty.
Manuf.
Manuf.
Layout
Component
Vendor
No.
Des.
Part Number
Size
Phone Number
1
PCB
1
Sipex
146-6599-00
1.175"x1.934"
SP6138EB
978-667-7800
2
U1
1
Sipex
SP6138ER1
QFN-16
2.5MHz Synchronous Buck Controller
978-667-7800
3
MT,MB
1
Vishay Semi
Si7214DN
PowerPAK
1212-8 Dual
Dual NFET 30V, 47mOhm
402-563-6866
4
DBST
1
Vishay Semi
SD101AWS
SOD-323
15mA-30V Schottky Diode
800-344-4539
5
L1
1
COOPER Bussmann
DR73-2R2
7.6x6mm
2.20uH Coil 4.15A 16.5mOhm
561-752-5000
6
C1, CBST, CS
3
TDK
C1005JB1C104K
0402
0.1 uF Ceramic X5R 16V
978-779-3111
7
CSP
1
TDK
C1005JB1H682K
0402
6.8nF Ceramic X5R 50V
978-779-3111
8
CI
1
AVX
08053D475MAT
0805
4.7uF Ceramic X5R 25V 20%
843-448-9411
9
CO
1
AVX
08056D226MAT
0805
22uF Ceramic X5R 6.3V 20%
843-448-9411
10
CVCC
1
TDK
C1608JF0J475Z
0603
4.7uF Ceramic X5R 6.3V
978-779-3111
11
C5
1
TDK
C1005JB1E103K
0402
0.01uF Ceramic X7R 25V
978-779-3111
12
CSS
1
TDK
C1005JB1E473K
0402
47nF Ceramic X7R 25V
978-779-3111
13
CP1
1
TDK
C1005CH1H060D
0402
6pF Ceramic COG 50V 5%
978-779-3111
14
CF1
1
TDK
C1005CH1H180J
0402
18pF Ceramic COG 50V 5%
978-779-3111
15
CZ2
1
TDK
C1005CH1H101J
0402
100pF Ceramic COG 25V 5%
978-779-3111
16
CZ3
1
TDK
C1005CH1H470J
0402
47pF Ceramic COG 50V 5%
978-779-3111
17
R1
1
Panasonic
ERJ-2RKF6812X
0402
68.1K Ohm Thick Film Res 1%
800-344-4539
18
R2
1
Panasonic
ERJ-2RKF2152X
0402
21.5K Ohm Thick Film Res 1%
800-344-4539
19
R3, R4, RS3
Not populated
20
R5
1
Panasonic
ERJ-2RKF1002X
0402
10.0K Ohm Thick Film Res 1%
800-344-4539
21
RZ2
1
Panasonic
ERJ-2RKF5492X
0402
54.9K Ohm Thick Film Res 1%
800-344-4540
22
RZ3
3
Panasonic
ERJ-2RKF1001X
0402
1.0K Ohm Thick Film Res 1%
800-344-4540
23
RS1, RS2
1
Panasonic
ERJ-2RKF4991X
0402
5.11K Ohm Thick Film Res 1%
800-344-4541
24
J1
1
Sullins
PTC36SAAN
.32x.12
36-Pin (3x12) Header
800-344-4539
25
(J1)
1
Sullins
STC02SYAN
.2x.1
Shunt
800-344-4539
26
VIN, VOUT, VCC,
GIN, GO, GND, SS,
PWRGD, UVIN
9
Vector Electronic
K24C/M
.042 Dia
Test Point Post
800-344-4539
Table 2: SP6138EB List of Materials
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6138EB ..….........................− 40°C to +85°C.............……..SP6138 Evaluation Board
SP6138ER1............................ − 40°C to +85°C.....................................…….16-pin QFN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com