Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6138EB Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6138EB
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6138EB Datasheet(HTML) 5 Page - Sipex Corporation

  SP6138EB Datasheet HTML 1Page - Sipex Corporation SP6138EB Datasheet HTML 2Page - Sipex Corporation SP6138EB Datasheet HTML 3Page - Sipex Corporation SP6138EB Datasheet HTML 4Page - Sipex Corporation SP6138EB Datasheet HTML 5Page - Sipex Corporation SP6138EB Datasheet HTML 6Page - Sipex Corporation SP6138EB Datasheet HTML 7Page - Sipex Corporation SP6138EB Datasheet HTML 8Page - Sipex Corporation SP6138EB Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Aug 24-06
SP6138 Evaluation Manual
©2006 Sipex Corporation
Page 5 of 9
LOOP COMPENSATION DESIGN
The open loop gain of the SP6138 Evaluation Board can be divided into the gain of the
error amplifier GAMP(s), PWM modulator GPWM, buck converter output stage GOUT(s),
and feedback resistor divider GFBK. In order to crossover at the selected frequency
fco,
the gain of the error amplifier must compensate for the attenuation caused by the rest of
the loop at this frequency. The goal of loop compensation is to manipulate the open
loop frequency response such that its gain crosses over 0dB at a slope of –20dB/dec.
The open loop crossover frequency should be higher than the ESR zero of the output
capacitors but less than 1/5 of the switching frequency
fs to insure proper operation.
Since the SP6138EB is designed with ceramic type output capacitors, a Type III
compensation circuit is required to give a phase boost of 180° in order to counteract the
effects of the output LC underdamped resonance double pole frequency.
Figure 11. SP6138EB Voltage Mode Control Loop with Loop Dynamic



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com