Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6138EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6138EB
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6138EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6138EB Datasheet HTML 1Page - Sipex Corporation SP6138EB Datasheet HTML 2Page - Sipex Corporation SP6138EB Datasheet HTML 3Page - Sipex Corporation SP6138EB Datasheet HTML 4Page - Sipex Corporation SP6138EB Datasheet HTML 5Page - Sipex Corporation SP6138EB Datasheet HTML 6Page - Sipex Corporation SP6138EB Datasheet HTML 7Page - Sipex Corporation SP6138EB Datasheet HTML 8Page - Sipex Corporation SP6138EB Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Aug 24-06
SP6138 Evaluation Manual
©2006 Sipex Corporation
SP6138EB SCHEMATIC
Easy Evaluation for the
SP6138ER1 12V Input, 0 to 3A
Output Synchronous Buck
Converter
Precision 0.80V with ±1% High
Accuracy Reference
Small form factor
Feature Rich: Single supply operation, Over-
current protection with auto-restart, Power
Good Output, Enable input, Fast transient
response, Supply and Output Dead Short
Circuit Shutdown Protection, Programmable
soft start.
Solved by
TM
SP6138 (3A MAX.)
Evaluation Board Manual


Similar Part No. - SP6138EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6138ER1 SIPEX-SP6138ER1 Datasheet
961Kb / 17P
Synchronous Buck Controller
SP6138ER1/TR SIPEX-SP6138ER1/TR Datasheet
961Kb / 17P
Synchronous Buck Controller
More results

Similar Description - SP6138EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com