Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6138EB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6138EB
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6138EB Datasheet(HTML) 2 Page - Sipex Corporation

  SP6138EB Datasheet HTML 1Page - Sipex Corporation SP6138EB Datasheet HTML 2Page - Sipex Corporation SP6138EB Datasheet HTML 3Page - Sipex Corporation SP6138EB Datasheet HTML 4Page - Sipex Corporation SP6138EB Datasheet HTML 5Page - Sipex Corporation SP6138EB Datasheet HTML 6Page - Sipex Corporation SP6138EB Datasheet HTML 7Page - Sipex Corporation SP6138EB Datasheet HTML 8Page - Sipex Corporation SP6138EB Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Aug 24-06
SP6138 Evaluation Manual
©2006 Sipex Corporation
Page 2 of 9
USING THE EVALUATION BOARD
1) Powering Up the SP6138EB Circuit
Connect the SP6138 Evaluation Board with an external +12V power supply. Connect
with short leads and large diameter wire directly to the “VIN” and “GIN” posts. Connect a
Load between the “VO” and “GO” posts, again using short leads with large diameter wire
to minimize inductance and voltage drops.
2) Measuring Output Load Characteristics
It’s best to ground any reference scope and digital meters using the Star GND post in
the center of the board. VOUT ripple can best be seen by touching the probe tip to the
pad for COUT and the scope GND collar touching the Star GND post – avoid a GND lead
on the scope which will increase noise pickup.
3) Using the Evaluation Board with Different Output Voltages
The SP6138 Evaluation Board has been tested and delivered with the output set to
3.30V. By simply changing one resistor, R2, the SP6138 can be set to other output
voltages. The relationship in the following formula is based on a voltage divider from the
output to the feedback pin VFB, which is set to an internal reference voltage of 0.80V.
Standard 1% metal film resistors of surface mount size 0603 are recommended.
VOUT = 0.80V ( R1 / R2 + 1 ) => R2 = R1 / [ (VOUT / 0.80V ) – 1 ]
Where R1 = 68.1KΩ and for the VOUT = 0.80V setting, simply remove R2 from the
board. Furthermore, one could select the value of R1 & R2 combination to meet the
exact output voltage setting by restricting R1 resistance range such that 50KΩ ≤ R1 ≤
100KΩ for overall system loop stability.
Note that since the SP6138 Evaluation Board design was optimized for 12V down
conversion to 3.30V, changes of output voltage and/or input voltage will alter
performance from the data given in the Power Supply Data section.
POWER SUPPLY DATA
The SP6138EB is designed with an accurate 1.5% reference over line, load and
temperature. Figure 1 data shows a typical SP6138ER Evaluation Board efficiency plot,
with efficiencies to 86% and output currents to 3A. SP6138ER Load Regulation in
Figure 2 shows only 0.09% change in output voltage step response from no load to 3A
load. Figures 3 and 4 show the fast transient response of the SP6138. Start-up
response in Figures 5, 6 and 7 show a controlled start-up with different output load
behavior when power is applied where the input current rises smoothly as the soft-start
ramp increases. In Figure 8 the hiccup mode gets activated in response to an output
dead short circuit condition and will soft-start until the over-load is removed. Figures 9
and 10 show output voltage ripple less than 10mV over the complete load range.
While data on individual power supply boards may vary, the capability of the SP6138ER
of achieving high accuracy over a range of load conditions shown here is quite
impressive and desirable for accurate power supply design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com