Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFSC5G26F38T2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AFSC5G26F38T2
Description  Airfast Power Amplifier Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G26F38T2 Datasheet(HTML) 4 Page - NXP Semiconductors

  AFSC5G26F38T2 Datasheet HTML 1Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 2Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 3Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 4Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 5Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 6Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 7Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 8Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NXP Semiconductors
AFSC5G26F38
Airfast Power Amplifier Module
Rev. 3 — 14 June 2024
All information provided in this document is subject to legal disclaimers.
Product data sheet
4 / 18
AFSC5G26F38
E 2024 NXP B.V. All rights reserved.
5 Maximum ratings
Table 3. Maximum Ratings
Rating
Symbol
Value
Unit
Gate−Bias Voltage Range
VG
–0.5 to +10
Vdc
Operating Voltage Range
VDD
24 to 30
Vdc
Storage Temperature Range
Tstg
–65 to +150
°C
Case Operating Temperature
TC
125
°C
Peak Input Power
(2600 MHz, Pulsed CW, 10 μsec(on), 10% Duty Cycle)
Pin
25
dBm
6 Lifetime
Table 4. Lifetime
Characteristic
Symbol
Value
Unit
Mean Time to Failure
Case Temperature 125°C, 7 W Avg., 32 Vdc
MTTF
> 10
Years
7 ESD protection characteristics
Table 5. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JS−001−2017)
1A
Charge Device Model (per JS−002−2014)
C2a
8 Moisture sensitivity level
Table 6. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22−A113, IPC/JEDEC J−STD−020
3
260
°C
Document feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com