Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFSC5G26F38T2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFSC5G26F38T2
Description  Airfast Power Amplifier Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G26F38T2 Datasheet(HTML) 5 Page - NXP Semiconductors

  AFSC5G26F38T2 Datasheet HTML 1Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 2Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 3Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 4Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 5Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 6Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 7Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 8Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NXP Semiconductors
AFSC5G26F38
Airfast Power Amplifier Module
Rev. 3 — 14 June 2024
All information provided in this document is subject to legal disclaimers.
Product data sheet
5 / 18
AFSC5G26F38
E 2024 NXP B.V. All rights reserved.
9 Electrical characteristics
9.1 DC characteristics
Table 7. DC Characteristics
(TA = 25°C unless otherwise noted)
Characteristic
Symbol
Typ
Range
Unit
Carrier Stage 1 — On Characteristics
Gate Threshold Voltage (1)
(VDS = 10 Vdc, ID = 1.2 μAdc)
VGS(th)
1.2
±0.4
Vdc
Gate Quiescent Voltage
(VDS = 30 Vdc, IDQ1A = 12 mAdc)
VGS(Q)
1.9
±0.4
Vdc
Fixture Gate Quiescent Voltage
(VDD = 30 Vdc, IDQ1A = 12 mAdc, Measured in Functional Test)
VGG(Q)
4.9
±1.4
Vdc
Carrier Stage 2 — On Characteristics
Gate Threshold Voltage (1)
(VDS = 10 Vdc, ID = 12 μAdc)
VGS(th)
1.2
±0.4
Vdc
Gate Quiescent Voltage
(VDS = 30 Vdc, IDQ2A = 48 mAdc)
VGS(Q)
1.8
±0.4
Vdc
Fixture Gate Quiescent Voltage
(VDD = 30 Vdc, IDQ2A = 48 mAdc, Measured in Functional Test)
VGG(Q)
2.8
±1.2
Vdc
Peaking Stage 1 — On Characteristics (1)
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 1.6 μAdc)
VGS(th)
1.2
±0.4
Vdc
Gate Quiescent Voltage
(VDS = 30 Vdc, IDQ1A = 7 μAdc)
VGS(Q)
1.2
±0.4
Vdc
Fixture Gate Quiescent Voltage
(VDD = 30 Vdc, IDQ1A = 7 μAdc, Measured in Functional Test)
VGG(Q)
1.2
±0.4
Vdc
Peaking Stage 2 — On Characteristics (1)
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 30.4 μAdc)
VGS(th)
1.2
±0.4
Vdc
Gate Quiescent Voltage
(VDS = 30 Vdc, IDQ2A = 24 μAdc)
VGS(Q)
1.2
±0.4
Vdc
Fixture Gate Quiescent Voltage
(VDD = 30 Vdc, IDQ2A = 24 μAdc, Measured in Functional Test)
VGG(Q)
1.2
±0.4
Vdc
1. Each side of device measured separately.
Document feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com