Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFSC5G26F38T2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AFSC5G26F38T2
Description  Airfast Power Amplifier Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G26F38T2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button AFSC5G26F38T2 Datasheet HTML 2Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 3Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 4Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 5Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 6Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 7Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 8Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 9Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NXP Semiconductors
AFSC5G26F38
Airfast Power Amplifier Module
Rev. 3 — 14 June 2024
All information provided in this document is subject to legal disclaimers.
Product data sheet
6 / 18
AFSC5G26F38
E 2024 NXP B.V. All rights reserved.
9.2 Functional tests
Table 8. Functional Tests — 2496 MHz (1)
(In NXP Doherty Production ATE (2) Test Fixture, TA = 25°C unless otherwise noted, 50 ohm system) VDD = 30 Vdc, IDQ1A = 12 mA,
IDQ2A = 48 mA, VGS1B = (Vt – 0.350) Vdc, VGS2B = (Vt – 0.400) Vdc, Pout = 7 W Avg., 1−tone CW, f = 2496 MHz.
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
G
33.3
35.1
37.3
dB
Drain Efficiency
ηD
40.0
45.1
—
%
Pout @ 3 dB Compression Point
(Pulsed CW, 5% Duty Cycle)
P3dB
46.0
47.1
—
dBm
Table 9. Functional Tests — 2690 MHz (1)
(In NXP Doherty Production ATE (2) Test Fixture, TA = 25°C unless otherwise noted, 50 ohm system) VDD = 30 Vdc, IDQ1A = 12 mA,
IDQ2A = 48 mA, VGS1B = (Vt – 0.350) Vdc, VGS2B = (Vt – 0.400) Vdc, Pout = 7 W Avg., 1−tone CW, f = 2690 MHz.
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
G
30.9
33.8
36.7
dB
Drain Efficiency
ηD
40.0
44.9
—
%
Pout @ 3 dB Compression Point
(Pulsed CW, 5% Duty Cycle)
P3dB
45.6
46.5
—
dBm
9.3 Wideband ruggedness
Table 10. Wideband Ruggedness (3)
(In NXP Doherty Power Amplifier Module Reference Circuit, TA = 25°C unless otherwise noted, 50 ohm system) IDQ1A = 12 mA,
IDQ2A = 48 mA, VGSP1 = 1.51 Vdc, VGSP2 = 1.35 Vdc, f = 2600 MHz, Additive White Gaussian Noise (AWGN) with 10 dB PAR
Characteristic
Test Results
ISBW of 400 MHz at 30 Vdc, 3 dB Input Overdrive from 7 W Avg.
Modulated Output Power
No Device Degradation
1. Part input and output matched to 50 ohms.
2. ATE is a socketed test environment.
3. All data measured in fixture with device soldered in NXP reference circuit.
Document feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com