Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFSC5G26F38T2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFSC5G26F38T2
Description  Airfast Power Amplifier Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G26F38T2 Datasheet(HTML) 1 Page - NXP Semiconductors

  AFSC5G26F38T2 Datasheet HTML 1Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 2Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 3Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 4Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 5Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 6Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 7Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 8Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1 General description
The AFSC5G26F38 is a fully integrated Doherty power amplifier module designed for wireless infrastructure applications that
demand high performance in the smallest footprint. Ideal for applications in massive MIMO systems, outdoor small cells and
low power remote radio heads. The field−proven LDMOS power amplifiers are designed for TDD and FDD LTE systems.
2 Typical performance
Table 1. 2496–2690 MHz — Typical LTE Performance
Pout = 7 W Avg., VDD = 30 Vdc, 1 y 20 MHz LTE, Input Signal PAR = 8 dB @ 0.01% Probability on CCDF. (1)
Carrier Center
Frequency
Gain
(dB)
ACPR
(dBc)
PAE
(%)
2506 MHz
35.8
–25.3
46.2
2600 MHz
35.1
–28.9
46.1
2680 MHz
34.7
–30.6
46.1
1. All data measured with device soldered in NXP reference circuit.
3 Features and benefits
• Frequency: 2496–2690 MHz
• Advanced high performance in−package Doherty
• Fully matched (50 ohm input/output, DC blocked)
• Designed for low complexity analog or digital linearization systems
Product data sheet
AFSC5G26F38
Airfast Power Amplifier Module
Rev. 3 — 14 June 2024


Similar Part No. - AFSC5G26F38T2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFSC5G26F38T2 NXP-AFSC5G26F38T2 Datasheet
429Kb / 16P
Power Amplifier Module for LTE and 5G
Rev. 2, 09/2020
More results

Similar Description - AFSC5G26F38T2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A3M34TL139 NXP-A3M34TL139 Datasheet
376Kb / 16P
Airfast Power Amplifier Module
Rev. 0-June 2021
A3M40PD012 NXP-A3M40PD012 Datasheet
265Kb / 13P
Airfast Pre--driver Module
Rev. 0, 11/2020
A3M36SL039 NXP-A3M36SL039 Datasheet
2Mb / 33P
Airfast Power Amplifier Module with Autobias Control
Rev. 0 - December 2021
A3M38SL039 NXP-A3M38SL039 Datasheet
3Mb / 33P
Airfast Power Amplifier Module with Autobias Control
Rev. 0 - September 2022
A3M39SL039 NXP-A3M39SL039 Datasheet
3Mb / 33P
Airfast Power Amplifier Module with Autobias Control
Rev. 1 - September 2022
A3M36SL039 NXP-A3M36SL039_V01 Datasheet
2Mb / 33P
Airfast Power Amplifier Module with Autobias Control
Rev. 1 - September 2022
A5M36TG140 NXP-A5M36TG140 Datasheet
235Kb / 17P
Airfast Power Amplifier Module
Rev. 1 - January 2023
A5M35TG140-TC NXP-A5M35TG140-TC Datasheet
223Kb / 17P
Airfast Power Amplifier Module
Rev. 1 - January 2023
A5M36TG140-TC NXP-A5M36TG140-TC Datasheet
220Kb / 17P
Airfast Power Amplifier Module
Rev. 1 - April 2023
A5M36SG239 NXP-A5M36SG239 Datasheet
1Mb / 36P
Airfast Power Amplifier Module with Autobias Control
Rev. 0 - 10 October 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com