Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7215HS/C2 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA7215HS/C2
Description  Integrated MPEG AVGD decoders
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7215HS/C2 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA7215HS/C2 Datasheet HTML 7Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 8Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 9Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 10Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 11Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 12Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 13Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 14Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2000 Jan 31
11
Philips Semiconductors
Preliminary specification
Integrated MPEG AVGD decoders
SAA7215; SAA7216; SAA7221
SDRAM_DATA2(9)
80
I/O
SDRAM data 2 input or output (bit 9)
SDRAM_DATA2(7)
81
I/O
SDRAM data 2 input or output (bit 7)
SDRAM_DATA2(8)
82
I/O
SDRAM data 2 input or output (bit 8)
VSS
83
S
ground for pad ring
SDRAM_WE2
84
O
SDRAM write enable 2 output
SDRAM_CAS2
85
O
SDRAM column address 2 output
SDRAM_RAS2
86
O
SDRAM row address strobe 2 output
SDRAM_UDQ2(0)
87
O
SDRAM write mask 2 (0) output
SDRAM_UDQ2(1)
88
O
SDRAM write mask 2 (1) output
VDD
89
S
supply voltage for pad ring
SDRAM_ADDR2(8)
90
O
SDRAM address 2 output (bit 8)
SDRAM_ADDR2(9)
91
O
SDRAM address 2 output (bit 9)
SDRAM_ADDR2(11)
92
O
SDRAM address 2 output (bit 11)
SDRAM_ADDR2(7)
93
O
SDRAM address 2 output (bit 7)
SDRAM_ADDR2(10)
94
O
SDRAM address 2 output (bit 10)
SDRAM_ADDR2(6)
95
O
SDRAM address 2 output (bit 6)
VSS
96
S
ground for pad ring
SDRAM_ADDR2(0)
97
O
SDRAM address 2 output (bit 0)
SDRAM_ADDR2(5)
98
O
SDRAM address 2 output (bit 5)
SDRAM_ADDR2(1)
99
O
SDRAM address 2 output (bit 1)
SDRAM_ADDR2(4)
100
O
SDRAM address 2 output (bit 4)
SDRAM_ADDR2(2)
101
O
SDRAM address 2 output (bit 2)
SDRAM_ADDR2(3)
102
O
SDRAM address 2 output (bit 3)
VDD
103
S
supply voltage for pad ring
TDI
104
I
boundary scan test data input; note 2
TDO
105
O/Z
boundary scan test data output; note 2
TMS
106
I
boundary scan test mode select input; note 2
TRST
107
I
boundary scan test data input; note 2
TCK
108
I
boundary scan test clock input
VDD(AN)
109
S
3.3 V supply for analog blocks(PLL)
IDUMP2
110
−
analog sink 2
B
111
−
analog video (blue)
G
112
−
analog video (green)
AVDD3
113
S
analog supply 3
R
114
−
analog video (red)
AVDD2
115
S
analog supply 2
Y/CVBS
116
−
analog luminance/analog composite video
C/CVBS
117
−
analog chrominance/analog composite video
IDUMP1
118
−
analog sink 1
AVSS
119
S
analog supply ground
RSET
120
−
analog reference
SYMBOL
PIN
TYPE(1)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com