Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7215HS/C2 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SAA7215HS/C2
Description  Integrated MPEG AVGD decoders
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7215HS/C2 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SAA7215HS/C2 Datasheet HTML 12Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 13Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 14Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 15Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 16Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 17Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 18Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 19Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
2000 Jan 31
16
Philips Semiconductors
Preliminary specification
Integrated MPEG AVGD decoders
SAA7215; SAA7216; SAA7221
Pinning table (listed by function)
PIN
SYMBOL
TYPE(1)
DRIVE
VOLTAGE
ACTIVITY
166
VSS (gate input)
S
−
0V
−
168
CLK
I
−
5.0 V tolerant
rising edge
145
RESET
I
−
5.0 V tolerant
low level
162
AV_DATA(7)
I
−
5.0 V tolerant
direct level
161
AV_DATA(6)
I
−
5.0 V tolerant
direct level
160
AV_DATA(5)
I
−
5.0 V tolerant
direct level
159
AV_DATA(4)
I
−
5.0 V tolerant
direct level
158
AV_DATA(3)
I
−
5.0 V tolerant
direct level
157
AV_DATA(2)
I
−
5.0 V tolerant
direct level
156
AV_DATA(1)
I
−
5.0 V tolerant
direct level
155
AV_DATA(0)
I
−
5.0 V tolerant
direct level
154
A_DATA
I
−
5.0 V tolerant
low level
153
AUDDEN
I
−
5.0 V tolerant
high level
164
A_STROBE
I
−
5.0 V tolerant
program level
165
V_STROBE
I
−
5.0 V tolerant
program level
152
A_REQ
O/Z
3 mA
5.0 V tolerant
program level
151
V_REQ
O/Z
3 mA
5.0 V tolerant
program level
163
ERROR
I
−
5.0 V tolerant
program level
142
SD
O/Z
3 mA
5.0 V tolerant
direct level
143
SCK
O/Z
3 mA
5.0 V tolerant
edge
140
WS
O/Z
3 mA
5.0 V tolerant
direct level
141
WB
O/Z
3 mA
5.0 V tolerant
direct level
139
SPDIF
O/Z
3 mA
5.0 V tolerant
direct level
144
FSCLK
I/O
3 mA
5.0 V tolerant
edge
126
CP27
O
3 mA
5.0 V tolerant
rising edge
137
YUV(7)
I/O
3 mA
5.0 V tolerant
direct level
136
YUV(6)
I/O
3 mA
5.0 V tolerant
direct level
135
YUV(5)
I/O
3 mA
5.0 V tolerant
direct level
134
YUV(4)
I/O
3 mA
5.0 V tolerant
direct level
133
YUV(3)
I/O
3 mA
5.0 V tolerant
direct level
132
YUV(2)
I/O
3 mA
5.0 V tolerant
direct level
131
YUV(1)
I/O
3 mA
5.0 V tolerant
direct level
128
YUV(0)
I/O
3 mA
5.0 V tolerant
direct level
125
HS
I/O
3 mA
5.0 V tolerant
program level
124
VS
I/O
3 mA
5.0 V tolerant
program level
123
GRPH
O/Z
3 mA
5.0 V tolerant
high level
114
R/CVBS
−−
−
analog
112
G
−−
−
analog
111
B
−−
−
analog
116
Y/CVBS
−−
−
analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com