Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7215HS/C2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SAA7215HS/C2
Description  Integrated MPEG AVGD decoders
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7215HS/C2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SAA7215HS/C2 Datasheet HTML 13Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 14Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 15Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 16Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 17Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 18Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 19Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 20Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
2000 Jan 31
17
Philips Semiconductors
Preliminary specification
Integrated MPEG AVGD decoders
SAA7215; SAA7216; SAA7221
117
C/CVBS
−−
−
analog
53
SDRAM_DATA1(15)
I/O
2 mA
3.3 V
direct level
51
SDRAM_DATA1(14)
I/O
2 mA
3.3 V
direct level
48
SDRAM_DATA1(13)
I/O
2 mA
3.3 V
direct level
46
SDRAM_DATA1(12)
I/O
2 mA
3.3 V
direct level
44
SDRAM_DATA1(11)
I/O
2 mA
3.3 V
direct level
41
SDRAM_DATA1(10)
I/O
2 mA
3.3 V
direct level
39
SDRAM_DATA1(9)
I/O
2 mA
3.3 V
direct level
37
SDRAM_DATA1(8)
I/O
2 mA
3.3 V
direct level
38
SDRAM_DATA1(7)
I/O
2 mA
3.3 V
direct level
40
SDRAM_DATA1(6)
I/O
2 mA
3.3 V
direct level
42
SDRAM_DATA1(5)
I/O
2 mA
3.3 V
direct level
45
SDRAM_DATA1(4)
I/O
2 mA
3.3 V
direct level
47
SDRAM_DATA1(3)
I/O
2 mA
3.3 V
direct level
49
SDRAM_DATA1(2)
I/O
2 mA
3.3 V
direct level
52
SDRAM_DATA1(1)
I/O
2 mA
3.3 V
direct level
54
SDRAM_DATA1(0)
I/O
2 mA
3.3 V
direct level
28
SDRAM_ADDR1(11)
O
2 mA
3.3 V
direct level
24
SDRAM_ADDR1(10)
O
2 mA
3.3 V
direct level
29
SDRAM_ADDR1(9)
O
2 mA
3.3 V
direct level
30
SDRAM_ADDR1(8)
O
2 mA
3.3 V
direct level
25
SDRAM_ADDR1(7)
O
2 mA
3.3 V
direct level
23
SDRAM_ADDR1(6)
O
2 mA
3.3 V
direct level
20
SDRAM_ADDR1(5)
O
2 mA
3.3 V
direct level
18
SDRAM_ADDR1(4)
O
2 mA
3.3 V
direct level
16
SDRAM_ADDR1(3)
O
2 mA
3.3 V
direct level
17
SDRAM_ADDR1(2)
O
2 mA
3.3 V
direct level
19
SDRAM_ADDR1(1)
O
2 mA
3.3 V
direct level
21
SDRAM_ADDR1(0)
O
2 mA
3.3 V
direct level
33
SDRAM_RAS1
O
2 mA
3.3 V
low level
34
SDRAM_CAS1
O
2 mA
3.3 V
low level
35
SDRAM_WE1
O
2 mA
3.3 V
low level
32
SDRAM_UDQ1
O
2 mA
3.3 V
direct level
59
CP81M
O
8 mA
3.3 V
edge
58
CP81MEXT
I
−
3.3 V
edge
55
READ_OUT1
O
2 mA
3.3 V
low level
56
READ_IN1
I
−
3.3 V
low level
64
SDRAM_DATA2(15)
I/O
2 mA
3.3 V
direct level
66
SDRAM_DATA2(14)
I/O
2 mA
3.3 V
direct level
69
SDRAM_DATA2(13)
I/O
2 mA
3.3 V
direct level
71
SDRAM_DATA2(12)
I/O
2 mA
3.3 V
direct level
PIN
SYMBOL
TYPE(1)
DRIVE
VOLTAGE
ACTIVITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com