Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7215HS/C2 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SAA7215HS/C2
Description  Integrated MPEG AVGD decoders
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7215HS/C2 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SAA7215HS/C2 Datasheet HTML 10Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 11Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 12Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 13Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 14Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 15Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 16Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 17Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
2000 Jan 31
14
Philips Semiconductors
Preliminary specification
Integrated MPEG AVGD decoders
SAA7215; SAA7216; SAA7221
Notes
1. Pin type abbreviations: I = Input, O = Output, I/O = Input or Output, O/Z = high impedance Output and
S = Supply voltage.
2. 5 V tolerant outputs swing between VSS and VDD. 5 V tolerant inputs can receive signals swinging between VSS and
3.3 V or VSS and 5 V.
3. Signal CPU_SEL(1) is used only after a global hardware reset is applied on external input line RESET for determining
the type of the microcontroller connected to SAA7215; SAA7216; SAA7221 and therefore apply the proper
communication protocol. This microcontroller type must be given by means of weak pull-up or pull-down externally
connected to CPU_SEL(1). During normal operation, the pin TTXRQ/CPU_SEL(1) is used for implementing the
Teletext Data Request protocol and must not be disturbed by the microcontroller type setting.
DATACK
203
O/Z
data acknowledge output; note 2
DS/TS
204
I
data strobe or transfer start input; note 2
DATA(0)
205
I/O
CPU data input or output (bit 0); note 2
DATA(1)
206
I/O
CPU data input or output (bit 1); note 2
DATA(2)
207
I/O
CPU data input or output (bit 2); note 2
DATA(3)
208
I/O
CPU data input or output (bit 3); note 2
SYMBOL
PIN
TYPE(1)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com