Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7283ZP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA7283ZP
Description  Terrestrial Digital Sound Decoder TDSD3
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7283ZP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA7283ZP Datasheet HTML 2Page - NXP Semiconductors SAA7283ZP Datasheet HTML 3Page - NXP Semiconductors SAA7283ZP Datasheet HTML 4Page - NXP Semiconductors SAA7283ZP Datasheet HTML 5Page - NXP Semiconductors SAA7283ZP Datasheet HTML 6Page - NXP Semiconductors SAA7283ZP Datasheet HTML 7Page - NXP Semiconductors SAA7283ZP Datasheet HTML 8Page - NXP Semiconductors SAA7283ZP Datasheet HTML 9Page - NXP Semiconductors SAA7283ZP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
1996 Oct 24
6
Philips Semiconductors
Preliminary specification
Terrestrial Digital Sound Decoder (TDSD3)
SAA7283
Note
1. Pins 1, 5, 6, 18, 19, 20, 26, 32, 33, 51, 52, 58, 60 and 64 are not connected; left open-circuit in application.
XTAL
40
42
8.192 MHz crystal oscillator input
OSC
41
43
8.192 MHz crystal oscillator output
VSSX
42
44
crystal oscillator ground connection
DATAIN
43
45
serial data input at 728 kbits/s to decoder
VSSD
44
48
digital ground connection
PCLK
45
47
728 kHz output clock to DQPSK demodulator
VDDD
46
49
digital supply voltage
RESET
47
50
active LOW power-on reset input
DATAOUT
48
46
serial data output at 728 kbits/s from DQPSK demodulator
SCL
49
53
serial clock input for I2C-bus
SDA
50
54
serial data input/output for I2C-bus
ADSEL
51
55
input that defines I2C-bus address bit 0 (internal pull-up)
PORT2
52
56
output that is directly controlled from Port 2 bit in I2C-bus
SYMBOL
PIN
DESCRIPTION
SDIP52
QFP64(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com