Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7283ZP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA7283ZP
Description  Terrestrial Digital Sound Decoder TDSD3
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7283ZP Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA7283ZP Datasheet HTML 1Page - NXP Semiconductors SAA7283ZP Datasheet HTML 2Page - NXP Semiconductors SAA7283ZP Datasheet HTML 3Page - NXP Semiconductors SAA7283ZP Datasheet HTML 4Page - NXP Semiconductors SAA7283ZP Datasheet HTML 5Page - NXP Semiconductors SAA7283ZP Datasheet HTML 6Page - NXP Semiconductors SAA7283ZP Datasheet HTML 7Page - NXP Semiconductors SAA7283ZP Datasheet HTML 8Page - NXP Semiconductors SAA7283ZP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1996 Oct 24
2
Philips Semiconductors
Preliminary specification
Terrestrial Digital Sound Decoder
(TDSD3)
SAA7283
FEATURES
• Single-chip solution including FM and vision filters,
analog demodulator and audio switching
• Dual standard with automatic selection between PAL
system I and BGH including French NICAM L system)
• Single low-radiation crystal oscillator for improved EMC
• Stereo bitstream audio DACs
• Programmable attenuator for matching levels of NICAM
and FM audio sources at the output of the device
• Full EBU NICAM 728 specification demodulation and
decoding
• Digital Audio Interface conforming with EBU/IEC 958
• Automatic mute function which switches from NICAM to
FM sound when NICAM fails
• Compatible with either single-ended or differential
DQPSK input signals
• Microcomputer controlled via I2C-bus (up to 400 kHz
specification).
APPLICATIONS
• Television receivers
• Video cassette recorders.
GENERAL DESCRIPTION
The SAA7283 is a NICAM receiver solution, developing
the well established high quality Terrestrial Digital Sound
decoder family from Philips Semiconductors.
This innovative IC with analog front-end, offers more
impressive features and flexibility with minimum external
circuitry.
The SAA7283 takes, as input, a second IF (intercarrier)
Terrestrial TV PAL signal, and performs all the Differential
Quadrature Phase Shift Keying (DQPSK) demodulation,
digital decoding and digital-to-analog conversion
necessary to produce a complete NICAM receiver on a
single integrated circuit.
The demodulator function includes integrated baseband
filters for pulse shaping and unwanted signal rejection,
automatic gain control, a low jitter integrated VCO, digital
monostable for precise data sampling points and a
multi-standard controller to enable automatic locking to
either a PAL system I or PAL system BGH input signal
(including French NICAM L system).
The decoder function performs the descrambling,
de-interleaving and reformatting operations required to
recover the original data words.
The data words are processed through a stereo digital
filter, digital de-emphasis network, second order noise
shaper and 256 times oversampling Bitstream audio DAC.
The SAA7283 then provides a switching output buffer for
selecting between FM, NICAM and daisy-chain inputs, and
a programmable level attenuation matrix for matching
levels of the FM and NICAM audio sources at the output of
the device. An additional feature is the inclusion of a Digital
Audio Interface (DAI) output IEC 958, which may be
disabled if required.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7283ZP
SDIP52
plastic shrink dual in-line package; 52 leads (600 mil)
SOT247-1
SAA7283GP
QFP64
plastic quad flat package; 64 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT319-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com