Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7283ZP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAA7283ZP
Description  Terrestrial Digital Sound Decoder TDSD3
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7283ZP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAA7283ZP Datasheet HTML 17Page - NXP Semiconductors SAA7283ZP Datasheet HTML 18Page - NXP Semiconductors SAA7283ZP Datasheet HTML 19Page - NXP Semiconductors SAA7283ZP Datasheet HTML 20Page - NXP Semiconductors SAA7283ZP Datasheet HTML 21Page - NXP Semiconductors SAA7283ZP Datasheet HTML 22Page - NXP Semiconductors SAA7283ZP Datasheet HTML 23Page - NXP Semiconductors SAA7283ZP Datasheet HTML 24Page - NXP Semiconductors SAA7283ZP Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1996 Oct 24
21
Philips Semiconductors
Preliminary specification
Terrestrial Digital Sound Decoder (TDSD3)
SAA7283
CHARACTERISTICS
VDD = 4.5 to 5.5 V; Tamb = −20 to +70 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Digital supplies (note 1)
VDDD
digital supply voltage
4.5
5.0
5.5
V
VSSD
digital ground supply voltage
−
0
−
V
IDDD
digital supply current
−
15
−
mA
Audio supplies (note 1)
VDDA
audio supply voltage
4.5
5.0
5.5
V
VSSA
audio ground supply voltage
−
0
−
V
VSSDAC
DAC ground supply voltage
−
0
−
V
IDDA
audio supply current
−
19
−
mA
Demodulator supplies (note 1)
VDDF1
1st front-end supply voltage
4.5
5.0
5.5
V
VSSF1
1st front-end ground supply voltage
−
0
−
V
IDDF1
1st front-end supply current
−
46
−
mA
VDDF2
2nd front-end supply voltage
4.5
5.0
5.5
V
VSSF2
2nd front-end ground supply voltage
−
0
−
V
IDDF2
2nd front-end supply current
−
125
−
mA
Digital inputs
DATAIN (TTL/CMOS COMPATIBLE INPUT LEVELS)
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VDD
V
ILI
input leakage current
−10
−
+10
µA
Ci
input capacitance
−−
10
pF
ADSEL, PORM AND PORA (TTL/CMOS COMPATIBLE INPUT LEVELS WITH INTERNAL PULL-UP)
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VDD
V
Ri(pu)
input pull-up resistance
−
50
−
k
Ω
Ci
input capacitance
−−
10
pF
RESET AND SCL (CMOS/I2C-BUS INPUT LEVELS WITH SCHMITT TRIGGER)
VIL
LOW level input voltage
0
−
1.5
V
VIH
HIGH level input voltage
3.0
−
VDD
V
Vhys
hysteresis
−
0.05VDD
−
V
ILI
input leakage current
−10
−
+10
µA
Ci
input capacitance
−−
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com