Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7283ZP Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SAA7283ZP
Description  Terrestrial Digital Sound Decoder TDSD3
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7283ZP Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SAA7283ZP Datasheet HTML 28Page - NXP Semiconductors SAA7283ZP Datasheet HTML 29Page - NXP Semiconductors SAA7283ZP Datasheet HTML 30Page - NXP Semiconductors SAA7283ZP Datasheet HTML 31Page - NXP Semiconductors SAA7283ZP Datasheet HTML 32Page - NXP Semiconductors SAA7283ZP Datasheet HTML 33Page - NXP Semiconductors SAA7283ZP Datasheet HTML 34Page - NXP Semiconductors SAA7283ZP Datasheet HTML 35Page - NXP Semiconductors SAA7283ZP Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
1996 Oct 24
32
Philips Semiconductors
Preliminary specification
Terrestrial Digital Sound Decoder (TDSD3)
SAA7283
PACKAGE OUTLINES
UNIT
b1
cE
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
DIMENSIONS (mm are the original dimensions)
SOT247-1
90-01-22
95-03-11
b
max.
w
M E
e 1
1.3
0.8
0.53
0.40
0.32
0.23
47.9
47.1
14.0
13.7
3.2
2.8
0.18
1.778
15.24
15.80
15.24
17.15
15.90
1.73
5.08
0.51
4.0
MH
c
(e )
1
ME
A
L
A1
w M
b1
D
A 2
Z
52
1
27
26
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
(1)
(1)
D
(1)
Z
e
A
max.
12
A
min.
A
max.
SDIP52: plastic shrink dual in-line package; 52 leads (600 mil)
SOT247-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com