Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7221HS/C1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA7221HS/C1
Description  Integrated MPEG AVGD decoders
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7221HS/C1 Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7221HS/C1 Datasheet HTML 1Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 2Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 3Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 4Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 5Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 6Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 7Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 8Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2000 Jan 31
5
Philips Semiconductors
Preliminary specification
Integrated MPEG AVGD decoders
SAA7215; SAA7216; SAA7221
APPLICATIONS
The SAA7215 integrated MPEG AVGD decoder is aimed
at being used in MPEG digital TV applications. This
decoder is primarily designed to be connected to a
SAA7214 transport stream descrambler/demultiplexer/
microcontroller by means of glueless interfaces even
though connections to other market demultiplexers and/or
microcontrollers are possible. Compatibility is also
targeted with the SAA7219 and with the successor of the
T-MIPS family.
The SAA7215 can be used in any system where high-end
graphics are needed (associated SDRAM can be
extended to 32-Mbit) as well as in low cost systems (all
functions can be enabled with only 16-Mbit of associated
SDRAM).
GENERAL DESCRIPTION
The SAA7215HS, SAA7216HS, SAA7221H is a MPEG-2
source decoder which combines audio decoding and video
decoding. Additionally to these basic MPEG functions it
also provides means for enhanced graphics, background
display and/or on-screen display as well as encoding of
output video. Due to an optimized architecture for audio
and video decoding, maximum capacity in external
memory and processing power from the external CPU is
available for graphics support.
Possible options are indicated in Table 1.
Table 1
Possible options
QUICK REFERENCE DATA
ORDERING INFORMATION
TYPE NUMBER
MACROVISION
SECAM
SAA7215HS/C2
no
no
SAA7216HS/C1
yes
no
SAA7221HS/C1
no
yes
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
functional supply voltage range
3.0
3.3
3.6
V
IDD
total supply current; VDD = 3.3 V
−
tbf
−
mA
CLK
device clock input frequency (2 solutions are possible)
−30 ppm
+27
+30 ppm
MHz
−30 ppm
+40.5
+30 ppm
MHz
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7215HS/C2
SQFP208
plastic shrink quad flat package; 208 leads (lead length 1.3 mm);
body 28
× 28 × 3.4 mm
SOT316-1
SAA7216HS/C1
SAA7221HS/C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com