Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7221HS/C1 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SAA7221HS/C1
Description  Integrated MPEG AVGD decoders
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7221HS/C1 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SAA7221HS/C1 Datasheet HTML 15Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 16Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 17Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 18Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 19Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 20Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 21Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 22Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
2000 Jan 31
19
Philips Semiconductors
Preliminary specification
Integrated MPEG AVGD decoders
SAA7215; SAA7216; SAA7221
6
DATA(8)
I/O
6 mA
5.0 V tolerant
direct level
5
DATA(7)
I/O
6 mA
5.0 V tolerant
direct level
4
DATA(6)
I/O
6 mA
5.0 V tolerant
direct level
3
DATA(5)
I/O
6 mA
5.0 V tolerant
direct level
2
DATA(4)
I/O
6 mA
5.0 V tolerant
direct level
208
DATA(3)
I/O
6 mA
5.0 V tolerant
direct level
207
DATA(2)
I/O
6 mA
5.0 V tolerant
direct level
206
DATA(1)
I/O
6 mA
5.0 V tolerant
direct level
205
DATA(0)
I/O
6 mA
5.0 V tolerant
direct level
172
ADDRESS(20)
I
−
5.0 V tolerant
direct level
173
ADDRESS(19)
I
−
5.0 V tolerant
direct level
174
ADDRESS(18)
I
−
5.0 V tolerant
direct level
175
ADDRESS(17)
I
−
5.0 V tolerant
direct level
176
ADDRESS(16)
I
−
5.0 V tolerant
direct level
177
ADDRESS(15)
I
−
5.0 V tolerant
direct level
178
ADDRESS(14)
I
−
5.0 V tolerant
direct level
179
ADDRESS(13)
I
−
5.0 V tolerant
direct level
180
ADDRESS(12)
I
−
5.0 V tolerant
direct level
181
ADDRESS(11)
I
−
5.0 V tolerant
direct level
185
ADDRESS(10)
I
−
5.0 V tolerant
direct level
186
ADDRESS(9)
I
−
5.0 V tolerant
direct level
187
ADDRESS(8)
I
−
5.0 V tolerant
direct level
188
ADDRESS(7)
I
−
5.0 V tolerant
direct level
189
ADDRESS(6)
I
−
5.0 V tolerant
direct level
190
ADDRESS(5)
I
−
5.0 V tolerant
direct level
191
ADDRESS(4)
I
−
5.0 V tolerant
direct level
192
ADDRESS(3)
I
−
5.0 V tolerant
direct level
193
ADDRESS(2)
I
−
5.0 V tolerant
direct level
194
ADDRESS(1)
I
−
5.0 V tolerant
direct level
195
ADDRESS(0)
I
−
5.0 V tolerant
direct level
170
SIZ(1)
I
−
5.0 V tolerant
direct level
171
SIZ(0)
I
−
5.0 V tolerant
direct level
201
CSRG
I
−
5.0 V tolerant
low level
202
CSSD/ADDRESS(21)
I
−
5.0 V tolerant
low level
204
DS
I
−
5.0 V tolerant
low level
196
R/WI
−
5.0 V tolerant
direct level
203
DTACK
O/Z
6 mA
5.0 V tolerant
low level
199
DMA_REQ
I/O
3 mA
5.0 V tolerant
program level
200
DMA_ACK
I
−
5.0 V tolerant
program level
197
DMA_RDY
O/Z
3 mA
5.0 V tolerant
program level
198
DMA_DONE
I
−
5.0 V tolerant
program level
PIN
SYMBOL
TYPE(1)
DRIVE
VOLTAGE
ACTIVITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com