Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7221HS/C1 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SAA7221HS/C1
Description  Integrated MPEG AVGD decoders
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7221HS/C1 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SAA7221HS/C1 Datasheet HTML 18Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 19Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 20Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 21Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 22Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 23Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 24Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 25Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
2000 Jan 31
22
Philips Semiconductors
Preliminary specification
Integrated MPEG AVGD decoders
SAA7215; SAA7216; SAA7221
APPLICATION INFORMATION
handbook, full pagewidth
16
21
CCIR-656
Audio
DAC
8
Strobe
16-Mbit
SDRAM
13.5 MHz
Y/C/CVBS
RGB
IRQ
2
2
TS-in
(pktdata)
AV data
40.5 MHz
Extension bus
16-Mbit
SDRAM
(OPTIONAL)
DS
16
12
4
5
12
16
8
2
3
UART PIO
HS, VS
2
6
1
GRPH
DTACK
ERROR
1
CP27
CSSD
CSRG
R/W
I2C
FCE111
EPROM
SAA7214
(T-MIPS)
SAA7215
SAA7216
SAA7221
MPEG-2AVGD
DECODER
DRAM
FLASH
Fig.5 Set-top box example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com