Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7221HS/C1 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA7221HS/C1
Description  Integrated MPEG AVGD decoders
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7221HS/C1 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA7221HS/C1 Datasheet HTML 6Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 7Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 8Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 9Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 10Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 11Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 12Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 13Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
2000 Jan 31
10
Philips Semiconductors
Preliminary specification
Integrated MPEG AVGD decoders
SAA7215; SAA7216; SAA7221
SDRAM_DATA1(9)
39
I/O
SDRAM data 1 input or output (bit 9)
SDRAM_DATA1(6)
40
I/O
SDRAM data 1 input or output (bit 6)
SDRAM_DATA1(10)
41
I/O
SDRAM data 1 input or output (bit 10)
SDRAM_DATA11(5)
42
I/O
SDRAM data 1 input or output (bit 5)
VSS
43
S
ground for pad ring
SDRAM_DATA1(11)
44
I/O
SDRAM data 1 input or output (bit 11)
SDRAM_DATA1(4)
45
I/O
SDRAM data 1 input or output (bit 4)
SDRAM_DATA1(12)
46
I/O
SDRAM data 1 input or output (bit 12)
SDRAM_DATA1(3)
47
I/O
SDRAM data 1 input or output (bit 3)
SDRAM_DATA1(13)
48
I/O
SDRAM data 1 input or output (bit 13)
SDRAM_DATA1(2)
49
I/O
SDRAM data 1 input or output (bit 2)
VDD
50
S
supply voltage for pad ring
SDRAM_DATA1(14)
51
I/O
SDRAM data 1 input or output (bit 14)
SDRAM_DATA1(1)
52
I/O
SDRAM data 1 input or output (bit 1)
SDRAM_DATA1(15)
53
I/O
SDRAM data 1 input or output (bit 15)
SDRAM_DATA1(0)
54
I/O
SDRAM data 1 input or output (bit 0)
READ_OUT1
55
O
read command 1 output
READ_IN1
56
I
read command 1 input
VSS
57
S
ground for pad ring
CP81MEXT
58
I
81 MHz SDRAM clock memory input
CP81M
59
O
81 MHz SDRAM clock return path output
VDD
60
S
supply voltage for pad ring
READ_IN2
61
I
read command 2 input
READ_OUT2
62
O
read command 2 output
SDRAM_DATA2(0)
63
I/O
SDRAM data 2 input or output (bit 0)
SDRAM_DATA2(15)
64
I/O
SDRAM data 2 input or output (bit 15)
SDRAM_DATA2(1)
65
I/O
SDRAM data 2 input or output (bit 1)
SDRAM_DATA2(14)
66
I/O
SDRAM data 2 input or output (bit 14)
VSS
67
S
ground for pad ring
SDRAM_DATA2(2)
68
I/O
SDRAM data 2 input or output (bit 2)
SDRAM_DATA2(13)
69
I/O
SDRAM data 2 input or output (bit 13)
SDRAM_DATA2(3)
70
I/O
SDRAM data 2 input or output (bit 3)
SDRAM_DATA2(12)
71
I/O
SDRAM data 2 input or output (bit 12)
SDRAM_DATA2(4)
72
I/O
SDRAM data 2 input or output (bit 4)
SDRAM_DATA2(11)
73
I/O
SDRAM data 2 input or output (bit 11)
VDD
74
S
supply voltage for pad ring
SDRAM_DATA2(5)
75
I/O
SDRAM data 2 input or output (bit 5)
SDRAM_DATA2(10)
76
I/O
SDRAM data 2 input or output (bit 10)
SDRAM_DATA2(6)
77
I/O
SDRAM data 2 input or output (bit 6)
VSS(CO)
78
S
ground for core logic
VDD(CO)
79
S
supply voltage for digital core logic
SYMBOL
PIN
TYPE(1)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com