Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ010FZ5MZP Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ010FZ5MZP
Description  Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ010FZ5MZP Datasheet(HTML) 1 Page - Sharp Corporation

  PQ010FZ5MZP Datasheet HTML 1Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 2Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 3Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 4Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 5Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 6Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 7Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 8Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Low Power-Loss Voltage Regulators
PQxxxFZ5MZ Series/PQxxxFZ01Z Series
PQxxxFZ5MZ Series/PQxxxFZ01Z Series
Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
I Features
I Outline Dimensions
(Unit : mm)
G
Low voltage operation (Minimum operating voltage: 1.7V)
1.8V input
→ available 1.0 to 1.2V output
G
Surface mount package (equivalent to EIAJ SC-63)
I Applications
G
Personal computers, power supply in peripherals
G
Power supplies for various electronic equipment such as
DVD player or STB
I Model Line-up
•Please refer to the chapter " Handling Precautions ".
I Absolute Maximum Ratings
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/
1.2V Output
1.0V Output
Package
type
Taping
Sleeve
Taping
Sleeve
0.5A
1A
PQ010FZ5MZP
PQ010FZ5MZZ
PQ010FZ01ZP
PQ010FZ01ZZ
PQ012FZ5MZP
PQ012FZ5MZZ
PQ012FZ01ZP
PQ012FZ01ZZ
Output
current (IO)
Bias supply voltage
Output
current
Output Voltage
Junction temperature
Power dissipation
Operating temperature
Storage temperature
Soldering temperature
Input voltage
Parameter
Symbol
Rating
Unit
❇1 All are open except GND and applicable terminals.
❇2 PD:With infinite heat sink
❇3 Overheat protection may operate at Tj=125˚C to 150˚C.
(Ta
=25°C)
❇1
❇3
❇2
PQxxxFZ5MZ series
PQxxxFZ01Z series
VIN
VB
VC
IO
PD
Tj
Topr
Tstg
Tsol
3.7
7
7
0.5
1
8
150
–25 to +85
–40 to +150
260(10s)
V
V
V
A
W
˚C
˚C
˚C
˚C
Internal connection diagram
1
4
5
3
2
Specific IC
0.5
+0.2
- 0.1
Epoxy resin
(0.5)
(0.5)
(0 to 0.25)
6.6
MAX.
5.2±
0.5
2.3±
0.5
4(1.27)
3
1
2
3
4
5
010FZ01
ON/OFF control terminal (VC)
DC output (VO)
Bias input (VB)
DC input (VIN)
GND
1
2
3
4
5


Similar Part No. - PQ010FZ5MZP

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ010 PICO-PQ010 Datasheet
5Mb / 27P
Ultra-compact PC oscilloscopes
2021
logo
Sharp Corporation
PQ010GN01ZPH SHARP-PQ010GN01ZPH Datasheet
191Kb / 9P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ010GN1HZPH SHARP-PQ010GN1HZPH Datasheet
165Kb / 7P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ010FZ5MZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com