Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ010FZ5MZP Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ010FZ5MZP
Description  Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ010FZ5MZP Datasheet(HTML) 5 Page - Sharp Corporation

  PQ010FZ5MZP Datasheet HTML 1Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 2Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 3Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 4Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 5Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 6Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 7Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 8Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Low Power-Loss Voltage Regulators
PQxxxFZ5MZ Series/PQxxxFZ01Z Series
Fig.11 Bias Inflow Current vs. Ambient
Temperature
Fig.12 Output Short-circuit Current vs.
Ambient Temperature (Reference)
Fig.13 Output Voltage vs. Input Voltage
(PQ010FZ5MZ)
–50 –25
0
25
150
50
75
100 125
Ambient temperature Ta (
°C)
1.1
1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
VIN=1.8V
VB=3.3V
VC=2.7V
IO=0A
PQ012FZ01Z
PQ010FZ01Z
PQ010FZ5MZ
PQ012FZ5MZ
–50 –25
0
25
150
50
75
100 125
Ambient temperature Ta (
°C)
1.1
1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
VIN=1.8V,VB=3.3V,VC=2.7V
RL=Short
PQ012FZ01Z
PQ010FZ01Z
PQ010FZ5MZ
PQ012FZ5MZ
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
12
3
4
Input voltage VIN (V)
VB=3.3V
VC=2.7V
CIN=0.33
µF
CO=47
µF
IO=0A
IO=0.3A(RL=3.3
Ω)
IO=0.5A(RL=2
Ω)
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
12
3
4
Input voltage VIN (V)
VB=3.3V
VC=2.7V
CIN=0.33
µF
CO=47
µF
IO=0A
IO=0.3A(RL=4
Ω)
IO=0.5A(RL=2
Ω)
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
12
3
4
Input voltage VIN (V)
VB=3.3V
VC=2.7V
CIN=0.33
µF
CO=47
µF
IO=0A
IO=0.5A(RL=2
Ω)
IO=1A(RL=1
Ω)
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
12
3
4
Input voltage VIN (V)
VB=3.3V
VC=2.7V
CIN=0.33
µF
CO=47
µF
IO=0A
IO=0.5A(RL=2.4
Ω)
IO=1A(RL=1.2
Ω)
Fig.14 Output Voltage vs. Input Voltage
(PQ012FZ5MZ)
Fig.15 Output Voltage vs. Input Voltage
(PQ010FZ01Z)
Fig.16 Output Voltage vs. Input Voltage
(PQ012FZ01Z)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com