Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ010FZ5MZP Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ010FZ5MZP
Description  Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ010FZ5MZP Datasheet(HTML) 3 Page - Sharp Corporation

  PQ010FZ5MZP Datasheet HTML 1Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 2Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 3Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 4Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 5Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 6Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 7Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 8Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low Power-Loss Voltage Regulators
PQxxxFZ5MZ Series/PQxxxFZ01Z Series
Fig.2
Test Circuit for Ripple Rejection
Fig.4
Power Dissipation vs. Ambient
Temperature
IO
RL
VC
VB
VIN
ei
eo
f=120Hz(sine wave)
ei(rms)=0.1V
VIN=1.8V, VB=3.3V
IO=0.3A
RR=20log (ei(rms)/eo(rms))
2.7V
1
0.33
µF
100
µF
(50V Rated voltage)
3.3V
1.8V
0.33
µF
1
3
4
2
5
Fig.3
Test Circuit for Ripple Rejection
IO
RL
VC
VB
VIN
eb
eo
f=120Hz
(sine wave)
ei(rms)=0.1V
VIN=1.8V, VB=3.3V
IO=0.3A
RR=20log (ei(rms)/eo(rms))
2.7V
1
0.33
µF
100
µF
(50V
Rated voltage)
3.3V
1.8V
0.33
µF
1
3
4
2
5
Ambient temperature Ta (
°C)
10
0
5
8
–25
–20
0
20406080
PD : With infinite heat sink



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com