Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ010FZ5MZP Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ010FZ5MZP
Description  Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ010FZ5MZP Datasheet(HTML) 2 Page - Sharp Corporation

  PQ010FZ5MZP Datasheet HTML 1Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 2Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 3Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 4Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 5Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 6Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 7Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 8Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low Power-Loss Voltage Regulators
PQxxxFZ5MZ Series/PQxxxFZ01Z Series
I Electrical Characteristics
I Output Voltage Line-up
Fig.1
Test Circuit
PQxxxFZ5MZ
PQxxxFZ01Z
Conditions
Symbol
Parameter
VIN
VB
VO
RegL
RegI
TCVO
RR1
RR2
Unit
MAX.
TYP.
MIN.
1.7
2.35
–
–
–
–
–
2
–
–
–
–
–
–
–
IO=5mA to 0.5A
IO=5mA to 1A
VIN=1.7 to 3.7V, VB=2.35 to 7V, IO=5mA
Tj=0 to 125˚C, IO=5mA
Refer to Fig.2
Refer to Fig.3
–
–
–
VC=0.4V
IO=0
IO=0, VC=0.4V
–
–
Refer to following table
0.2
0.2
0.5
65
60
–
–
–
–
1.5
–
3.7
7
1
1
–
–
–
–
200
0.8
2
3
10
(Unless otherwise specified, VIN=1.8V, VB=3.3V, IO=0.3A, VC=2.7V, Ta=25˚C(PQxxxFZ5MZ))
(Unless otherwise specified, VIN=1.8V, VB=3.3V, IO=0.5A, VC=2.7V, Ta=25˚C(PQxxxFZ01Z))
V
V
V
%
%
%/˚C
dB
dB
V
µA
V
µA
mA
µA
Input voltage
Bias supply voltage
Output voltage
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple rejection
❇4
ON-state current for control
OFF-state voltage for control
Output OFF-state dissipation current
ON-state voltage for control
VC (ON)
IC (ON)
VC (OFF)
IC (OFF)
Iqs
OFF-state current for control
Bias inflow current
IB
❇4 In case of opening control terminal , output voltage turns off
4
Model No.
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
0.97
1.17
VO
VO
–
–
1.0
1.2
1.03
1.23
V
(Unless otherwise specified, VIN=1.8V, VB=3.3V, IO=0.3A, VC=2.7V, Ta=25˚C(PQxxxFZ5MZ))
(Unless otherwise specified, VIN=1.8V, VB=3.3V, IO=0.5A, VC=2.7V, Ta=25˚C(PQxxxFZ01Z))
PQ012FZ5MZ/PQ012FZ01Z
PQ010FZ5MZ/PQ010FZ01Z
RL
IC
Iqs
IB
IO
VO
VC
0.33
µF
0.33
µF
100
µF
(Rated voltage : 50V)
VIN
A
A
V
A
VB
A
1
3
4
2
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com