Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7780 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 40Page - NXP Semiconductors SAA7780 Datasheet HTML 41Page - NXP Semiconductors SAA7780 Datasheet HTML 42Page - NXP Semiconductors SAA7780 Datasheet HTML 43Page - NXP Semiconductors SAA7780 Datasheet HTML 44Page - NXP Semiconductors SAA7780 Datasheet HTML 45Page - NXP Semiconductors SAA7780 Datasheet HTML 46Page - NXP Semiconductors SAA7780 Datasheet HTML 47Page - NXP Semiconductors SAA7780 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
44
MAX_LAT Register - MAXLAT (RO)
SAA7780 CFG Space 0 DMA Base Registers
This section will describe the PCI configuration registers that provide functions such as base address remapping and
the like. These registers reside within the PCI interface.
DMA Channel A Base Address Register - DMAABASE (RW)
Bit
Name
R/W
Function
7:0
MINGNT
RO
Minimum grant specifies how long of a burst period the device needs
assuming a clock speed of 33MHz. Since the SAA7780, function 0, will burst
a maximum of 64 double words, therefore requiring about 75 33MHz clocks
or 2.25 microseconds. The time units specified are in 0.25 microsecond
increments.
PCI CFG 0
D7
D6
D5
D4
D3
D2
D1
D0
Offset 3Fh
MAXLAT[7:0]
POR Value
0
0
1
0
1
0
0
0
Bit
Name
R/W
Function
7:0
MAXLAT
RO
Maximum latency specifies how often a device needs to gain access to the
PCI bus. The SAA7780, function 0, should only request the bus a a
maximum of every 10 microseconds. The MAXLAT value is computed using
the same parameters as the MINGNT.
PCI CFG 0
D15
D14
D13
D12
D11
D10
D9
D8
Offset 40h
DMAABASE[15:8]
POR Value
0
0
0
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
DMAA
BASE[7]
R
DMAABASE[5:4]
R
XFRSIZ[1:0]
DDMAA
EN
POR Value
0
0
0
0
0
1
0
0
Bit
Name
R/W
Function
15:7
DMAABASE
RW
DMA channel A programmable base address, bits 15:7.
6
R
RO
Reserved. This bit must always be zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com