Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7780 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 17Page - NXP Semiconductors SAA7780 Datasheet HTML 18Page - NXP Semiconductors SAA7780 Datasheet HTML 19Page - NXP Semiconductors SAA7780 Datasheet HTML 20Page - NXP Semiconductors SAA7780 Datasheet HTML 21Page - NXP Semiconductors SAA7780 Datasheet HTML 22Page - NXP Semiconductors SAA7780 Datasheet HTML 23Page - NXP Semiconductors SAA7780 Datasheet HTML 24Page - NXP Semiconductors SAA7780 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
21
Joystick/Game Port
DCD#
152
I-T
UART Data Carrier Detect
The status of this input can be determined by reading bit 7 of the
Modem Status Register. When MSR[7] is read, it will be the inverted
value of DCD#. A change in status of DCD# sets the Delta DCD bit
in the Modem Status Register.
If the DCD# line changes state while the modem status interrupts
are enabled, an interrupt will be generated.
RI#
153
I-T
UART Ring Indicator
The status of this input can be determined by reading bit 6 of the
Modem Status Register. When MSR[6] is read, it will be the inverted
value of RI#. Bit 2 (TERI) of the Modem Status Register indicates
whether the RI# input signal has changed from a low to a high, since
the previous reading of the Modem Status Register.
If modem status interrupts are enabled when MSR[6] changes from
a 1 to a 0, an interrupt will be generated.
JACX
9
I/O-C,S
Joystick A X Axis
Joystick A X-position.
JACY
13
I/O-C,S
Joystick A Y Axis
Joystick A Y-position.
JBCX
10
I/O-C,S
Joystick B X Axis
Joystick B X-position.
JBCY
12
I/O-C,S
Joystick B Y Axis
Joystick B Y-position.
JAB[2:1]
7
I-T
Joystick A Button Interface
Joystick A buttons. These buttons are internally de-bounced and de-
glitched using a low speed clock and metastable hardened flip-flops.
JBB[2:1]
14
I-T
Joystick B Button Interface
Joystick B buttons. These buttons are internally de-bounced and de-
glitched using a low speed clock and metastable hardened flip-flops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com