Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7780 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 22Page - NXP Semiconductors SAA7780 Datasheet HTML 23Page - NXP Semiconductors SAA7780 Datasheet HTML 24Page - NXP Semiconductors SAA7780 Datasheet HTML 25Page - NXP Semiconductors SAA7780 Datasheet HTML 26Page - NXP Semiconductors SAA7780 Datasheet HTML 27Page - NXP Semiconductors SAA7780 Datasheet HTML 28Page - NXP Semiconductors SAA7780 Datasheet HTML 29Page - NXP Semiconductors SAA7780 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
26
SAA7780 Functional Block Descriptions
Register Table Document Description and Example
The next table gives an example of how registers are documented in this specification.
Example Register - Regex (RW/RO)
In the above table example, the EXAMPLE REGISTER text would be a descriptive title for the register that we wish to
detail. Following the register description would be a register mnemonic used in register summary tables and the like. In
this example the mnemonic is REGEX. Following the mnemonic is the read/write access allowed into this register. If the
entire register is readable and writable, then the RW key is assigned. If some bits are read/write while others are read
only, then the key will indicate this fact. In the example, this register has both read/write and read only bits. The register
memory map location is marked in the table cell marked SPACE. SPACE could be substituted with PCI CFG n (for PCI
configuration register space for function n), IOBASE (for an I/O space register with an IOBASE specified in a
configuration register), DSP DATA (for DSP data memory mapped registers), MEM MSTR (indicating a PCI master in
memory space), and DSP CODE (indicating a DSP code memory mapped register. Just below the SPACE marker is
the offset from the base address specified in the SPACE field. The rest of the table should be obvious.
SAA7780 PCI Interface
Overview
The SAA7780 chip PCI interface is designed to interface the external PCI bus interface to all of the selected devices in
the SAA7780 chip. The PCI interface composed of master and slave state machines, an address/data/byte enable
datapath, a bus arbiter for the two on chip masters, control logic for the master and slave internal busses, and standard
PCI configuration register headers. The Interrupt Serializer will be discussed in a later chapter. This section of the
specification will describe the PCI interface in more detail along with design considerations for both the slave, master,
and datapath. The configuration header will be discussed in the SAA7780 PCI Configuration Registers section of this
specification.
The discussion will begin with the PCI master and target systems. The PCI bus master has the capability to burst
double words to/from the two internal bus masters, the Distributed DMA and the Virtual Registers. The full address
range is supported for these master devices. Since there are two masters, an arbiter is required to determine priority
between the two devices. Details on the arbiter can be found in the PCI master section.
SPACE
D15
D14
D13
D12
D11
D10
D9
D8
Offset nnh
R
R
R
R
R
R
R
R
POR Value
0
0
0
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
EXDATA[7:0]
POR Value
0
0
0
0
0
0
0
0
Bit
Name
R/W
Function
15:8
R
RO
Reserved. These bits always return zeros.
7:0
EXDATA
RW
Example data. The example data for all to see.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com