Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7780 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7780 Datasheet HTML 1Page - NXP Semiconductors SAA7780 Datasheet HTML 2Page - NXP Semiconductors SAA7780 Datasheet HTML 3Page - NXP Semiconductors SAA7780 Datasheet HTML 4Page - NXP Semiconductors SAA7780 Datasheet HTML 5Page - NXP Semiconductors SAA7780 Datasheet HTML 6Page - NXP Semiconductors SAA7780 Datasheet HTML 7Page - NXP Semiconductors SAA7780 Datasheet HTML 8Page - NXP Semiconductors SAA7780 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
3
ORDERING INFORMATION
QUICK REFERENCE DATA
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7780
QFP160
plastic quad flat pack; 160 leads (lead length 1.60 mm); body
28 x 28 x 3.42 mm
25-90019
Condition
Symbol
Maximum Ratings
Ambient Operating Temperature
TA
0
°C to +70°C
Ambient Storage Temperature
TS
-65
°C to +150°C
Non-Operating Core and Ring Supply Voltage
VDD, VDDIC
-0.5V to 4.6V *
*Refer to Section 3.1 to ensure proper power supply sequencing as well as voltage ranges.
Operating Core Supply Voltage
VDDIC
-0.5V to 3.63V *
Operating Ring Supply Voltage
VDD
3.0V to 3.63V *
5V Tolerant Supply (5.0V nominal supply)
NWELL
-0.5V to 5.5V *
NWELL to VDD Differential
NWELL-VDD
0
≤(NWELL-VDD) < 4.0V
3V Tolerant I/O DC Input Voltage
VI3
-0.5V to VDD+0.5V (
≤4.6V max)+
+Items in parenthesis are non-operating conditions.
3V Tolerant I/O DC Output Voltage
VO3
-0.5V to VDD+0.5V (
≤4.6V max)+
5V Tolerant I/O DC Input Voltage
VI5
-0.5V to 5.5V (
≤6.0V max)+
5V Tolerant I/O DC Output Voltage
VO5
-0.5V to VDD+0.5V (
≤4.6V max)+
DC Input Current (at VI < 0V or VI > VDD)
II
±20mA
DC Output Current (at VO < 0V or VO > VDD)
IO
±20mA
Power Dissipation
PD
500mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com