Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LM4040 Datasheet(HTML) 5 Page - Vishay Siliconix

  LM4040 Datasheet HTML 1Page - Vishay Siliconix LM4040 Datasheet HTML 2Page - Vishay Siliconix LM4040 Datasheet HTML 3Page - Vishay Siliconix LM4040 Datasheet HTML 4Page - Vishay Siliconix LM4040 Datasheet HTML 5Page - Vishay Siliconix LM4040 Datasheet HTML 6Page - Vishay Siliconix LM4040 Datasheet HTML 7Page - Vishay Siliconix LM4040 Datasheet HTML 8Page - Vishay Siliconix LM4040 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
www.ti.com
LM4040
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS456J – JANUARY 2005 – REVISED SEPTEMBER 2006
ORDERING INFORMATION (continued)
DEVICE
ORDERABLE
TOP-SIDE
TA
VKA
PACKAGE(1)
GRADE
PART NUMBER
MARKING(2)
SC-70 (DCK)
Reel of 3000
LM4040D20IDCKR
MW_
Reel of 3000
LM4040D20IDBZR
SOT-23-3 (DBZ)
4MV_
2.048 V
Reel of 250
LM4040D20IDBZT
Bulk of 1000
LM4040D20ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040D20ILPR
SC-70 (DCK)
Reel of 3000
LM4040D25IDCKR
ME_
Reel of 3000
LM4040D25IDBZR
SOT-23-3 (DBZ)
4ME_
2.5 V
Reel of 250
LM4040D25IDBZT
Bulk of 1000
LM4040D25ILP
TO-92/TO-226 (LP)
NFD25I
Reel of 2000
LM4040D25ILPR
SC-70 (DCK)
Reel of 3000
LM4040D30IDCKR
PC_
Reel of 3000
LM4040D30IDBZR
SOT-23-3 (DBZ)
4M9_
3 V
Reel of 250
LM4040D30IDBZT
Bulk of 1000
LM4040D30ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040D30ILPR
D grade:
SC-70 (DCK)
Reel of 3000
LM4040D41IDCKR
P7_
1.0% initial
Reel of 3000
LM4040D41IDBZR
accuracy
SOT-23-3 (DBZ)
4M5_
–40
°C to 85°C
and
4.096 V
Reel of 250
LM4040D41IDBZT
150 ppm/
°C
Bulk of 1000
LM4040D41ILP
temperature
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040D41ILPR
coefficient
SC-70 (DCK)
Reel of 3000
LM4040D50IDCKR
M4_
Reel of 3000
LM4040D50IDBZR
SOT-23-3 (DBZ)
4ND_
5 V
Reel of 250
LM4040D50IDBZT
Bulk of 1000
LM4040D50ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040D50ILPR
SC-70 (DCK)
Reel of 3000
LM4040D82IDCKR
PG_
Reel of 3000
LM4040D82IDBZR
SOT-23-3 (DBZ)
4NP_
8.192 V
Reel of 250
LM4040D82IDBZT
Bulk of 1000
LM4040D82ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040D82ILPR
SC-70 (DCK)
Reel of 3000
LM4040D10IDCKR
PL_
Reel of 3000
LM4040D10IDBZR
SOT-23-3 (DBZ)
4NT_
10 V
Reel of 250
LM4040D10IDBZT
Bulk of 1000
LM4040D10ILP
TO-92/TO-226 (LP)
NFD10I
Reel of 2000
LM4040D10ILPR
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com